Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 3 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 3 Page - Rohm

  BA7787FS Datasheet HTML 1Page - Rohm BA7787FS Datasheet HTML 2Page - Rohm BA7787FS Datasheet HTML 3Page - Rohm BA7787FS Datasheet HTML 4Page - Rohm BA7787FS Datasheet HTML 5Page - Rohm BA7787FS Datasheet HTML 6Page - Rohm BA7787FS Datasheet HTML 7Page - Rohm BA7787FS Datasheet HTML 8Page - Rohm BA7787FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Multimedia ICs
BA7786FP-Y / BA7787FS
•Block diagram
20
19
18
17
16
15
11
1
2
3
4
5
6
9
10
HP VCC
14
13
12
7
8
SP VCC
VR
VR
BA7787FS
1
EVR CTRL
EVR control pin
2
LINE IN L
Line Lch input
B (PNP)
B (PNP)
23.5k
Ω
B (NPN)
B (NPN)
B (NPN)
B (PNP)
B (PNP)
EF (NPN)
EF (NPN)
EF (NPN)
—
—
EF (NPN)
—
B (NPN)
3
MUTE CTRL
Headphone mute control
100k
Ω PULL UP
4
LINE IN R
Line Rch input
5
BIAS
Bias
6
SYSTEM BEEP IN
SYSTEM BEEP input
7
SP IN
Speaker input
8
PM BEEP IN
PM BEEP input
9
HP SUSPEND
Headphone SUSPEND control
10
SP SUSPEND
Speaker SUSPEND control
11
SP GND
Speaker ground
12
LINE MIX ON / OFF
SP IN input ON / OFF control
100k
Ω PULL UP
C (PNP) ~ 3k
Ω
13
SP OUT2
BTL speaker output (reverse)
14
SP OUT1
BTL speaker output (forward)
15
BEEP LEVEL
16
SP VCC
Speaker Vcc
17
HP GND
Headphone ground
18
HP OUT R
Headphone Rch output
19
HP OUT L
Headphone Lch output
20
HP VCC
Headphone Vcc
—
SYSTEM BEEP IN output level setting
Pin No.
Pin name
Function
Pin voltage
Pin type
—
2.5
5.0
2.5
2.5
2.5
2.5
2.5
—
—
0.0
5.0
2.5
2.5
4.2
5.0
0.0
2.5
2.5
5.0
Note) The pin formats are as follows. EF: emitter follower, B: base, C: collector, ~ : series connection.
The above values are all based on the settings (HP VCC = SP VCC = + 5.0V) in Fig. 2, entitled "Measurement circuit diagram,"
and do not guarantee standards.
BA7787FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com