Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 17 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 17 Page - Rohm

Back Button BA7787FS Datasheet HTML 13Page - Rohm BA7787FS Datasheet HTML 14Page - Rohm BA7787FS Datasheet HTML 15Page - Rohm BA7787FS Datasheet HTML 16Page - Rohm BA7787FS Datasheet HTML 17Page - Rohm BA7787FS Datasheet HTML 18Page - Rohm BA7787FS Datasheet HTML 19Page - Rohm BA7787FS Datasheet HTML 20Page - Rohm BA7787FS Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Multimedia ICs
BA7786FP-Y / BA7787FS
No.
Use
Standard value
R1
Used to set the gain from LINE IN L / LINE IN R (pins 2 and 4) to HP OUT
L / HP OUT R (pins 24 and 23)
27k
Ω
R2
(See section 1, on circuit operation for the formula.)
27k
Ω
R3
A wide range of mixing ratios can be set by changing the values of
27k
Ω
R4
R1, R2 and R3 (or R4, R5 and R6).
27k
Ω
R5
27k
Ω
R6
27k
Ω
R7
33k
Ω
R8
33k
Ω
R9
33k
Ω
R10
Used to set the output level from SYSTEM BEEP IN (pin 6) to HP OUT
L / HP OUT R (pins 24 and 23). (See section 2, on circuit operation for the formula.)
390k
Ω
R11
• No need to attach. Connect pin 8 to a ground.
—
R13
• Used to set the gain from PM BEEN IN (pin 9) to SP OUT L / SP OUT R
(pins 10, 11, 16 and 17). (See section 4, on circuit operation for the formula.)
18k
Ω
R14
R15
• The load resistor for HP OUT R.
100
Ω
• The load resistor for HP OUT L.
100
Ω
Used to set the gain from SP IN L / R (pins 21 and 20) to SP OUT L / R (pins 10, 11,
16 and 17). (See section 3, on circuit operation for the formula.)
15k
Ω
R17
R16
15k
Ω
C1
• The coupling capacitor for LINE IN L
0.1
µF
C2
• The coupling capacitor for LINE IN R
0.1
µF
C3
• The ripple rejection capacitor for the bias pin
47
µF
C4
• The coupling capacitor for SYSTEM BEEP IN
0.1
µF
C5
• No need to attach
—
C6
• The coupling capacitor for PM BEEP IN
0.1
µF
C7
• The bypass capacitor for SP VCC (used for low-frequency ripple rejection)
100
µF
C8
• The bypass capacitor for SP VCC (used for high-frequency ripple rejection)
0.1
µF
C9
• The coupling capacitor for HP OUT R
47
µF
C10
• The coupling capacitor for HP OUT L
47
µF
C11
• The bypass capacitor for HP VCC (used for low-frequency ripple rejection)
100
µF
C12
• The bypass capacitor for HP VCC (used for high-frequency ripple rejection)
0.1
µF
C13
• The coupling capacitor for SP IN R
0.1
µF
C14
• The coupling capacitor for SP IN L
0.1
µF
VR1
• Used to change the pin 1 DC voltage
20k
Ω
BA7786FP-Y
Resistors for mixing SYSTEM BEEP IN (pin 6). Because the threshold voltage
between the high and low levels is fixed inside the IC, these resistors should be
set to 33k
Ω
•Part table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com