Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 18 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 18 Page - Rohm

Back Button BA7787FS Datasheet HTML 14Page - Rohm BA7787FS Datasheet HTML 15Page - Rohm BA7787FS Datasheet HTML 16Page - Rohm BA7787FS Datasheet HTML 17Page - Rohm BA7787FS Datasheet HTML 18Page - Rohm BA7787FS Datasheet HTML 19Page - Rohm BA7787FS Datasheet HTML 20Page - Rohm BA7787FS Datasheet HTML 21Page - Rohm BA7787FS Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Multimedia ICs
BA7786FP-Y / BA7787FS
No.
Use
Standard value
R1
Used to set the gain from LINE IN L / LINE IN R (pins 2 and 4) to HP OUT
L / HP OUT R (pins 19 and 18) (See section 1, on circuit operation for the formula.)
27k
Ω
R2
27k
Ω
R3
A wide range of mixing ratios can be set by changing the values of R1, R2 and
R3 (or R4, R5 and R6).
27k
Ω
R4
27k
Ω
R5
27k
Ω
R6
27k
Ω
R7
33k
Ω
R8
33k
Ω
R9
33k
Ω
R10
• Used to set the gain from SP IN (pin 7) to SP OUT 1 / SP OUT 2
(pins 14 and 13). (See section 3, on circuit operation for the formula.)
• Used to set the output level from SYSTEM BEEP IN (pin 6) to HP OUT
L / HP OUT R (pins 19 and 18). (See section 2, on circuit operation for the formula.)
15k
Ω
15k
Ω
18k
Ω
390k
Ω
R12
R11
R13
• Used to set the gain from PM BEEP IN (pin 8) to SP OUT 1 / SP OUT 2
(pins 14 and 13).
R14
• The load resistor for HP OUT R.
100
Ω
• The load resistor for HP OUT L.
100
Ω
R15
20k
Ω
C1
• The coupling capacitor for LINE IN L
0.1
µF
C2
• The coupling capacitor for LINE IN R
0.1
µF
C3
• The ripple rejection capacitor for the bias pin
47
µF
C4
• The coupling capacitor for SYSTEM BEEP IN
0.1
µF
C5
0.1
µF
C6
• The coupling capacitor for PM BEEP IN
• The coupling capacitor for SP IN
0.1
µF
C7
• The bypass capacitor for SP VCC (used for low-frequency ripple rejection)
100
µF
C8
• The bypass capacitor for SP VCC (used for high-frequency ripple rejection)
0.1
µF
0.1
µF
C9
• The coupling capacitor for HP OUT R
47
µF
C10
• The coupling capacitor for HP OUT L
47
µF
C11
C12
VR1
• The bypass capacitor for HP VCC (used for low-frequency ripple rejection)
• The bypass capacitor for HP VCC (used for high-frequency ripple rejection)
• Used to change the pin 1 DC voltage
100
µF
BA7787FS
(See section 4, on circuit operation for the formula.)
Resistors for mixing SYSTEM BEEP IN (pin 6). Because the threshold voltage
between the high and low levels is fixed inside the IC, these resistors should be set
to 33k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com