Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 1 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 1 Page - Rohm

  BA7787FS Datasheet HTML 1Page - Rohm BA7787FS Datasheet HTML 2Page - Rohm BA7787FS Datasheet HTML 3Page - Rohm BA7787FS Datasheet HTML 4Page - Rohm BA7787FS Datasheet HTML 5Page - Rohm BA7787FS Datasheet HTML 6Page - Rohm BA7787FS Datasheet HTML 7Page - Rohm BA7787FS Datasheet HTML 8Page - Rohm BA7787FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Multimedia ICs
Headphone / speaker amplifier for
notebook computers
BA7786FP-Y / BA7787FS
The BA7786FP-Y and BA7787FS are sound amplifiers designed for notebook computers, and contain a suspend
function and input pins for the system beep and PM beep sounds used by notebook computers. In short, this single-
chip IC contains all the analog audio components needed for notebook computers.
•Applications
Notebook computers
•Features
1) Stereo headphone amplifier that supports mixing
input, along with a stereo speaker amplifier
(BA7786FP-Y) or BTL monaural speaker amplifier
(BA7787FS).
2) Internal anti-pop circuit, to prevent the popping sounds
that occur when the power is turned on and off.
3) Internal electronic volume switch and mute circuit.
4) Separate suspend modes for the headphone amplifi-
er and speaker amplifier, for low-power-consumption
computers .
5) Two beep input pins, a necessity for notebook com-
puters.
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
V
6
Power
dissipation
mW
850∗1
Pd
600∗2
Operating temperature
Topr
Tstg
°C
°C
– 10 ~ + 70
Storage temperature
– 55 ~ + 125
BA7786FP-Y
BA7787FS
∗1 Reduced by 6.8mW for each increase in Ta of 1°C over 25°C.
∗2 Reduced by 6.0mW for each increase in Ta of 1°C over 25°C.
Parameter
Symbol
Typ.
Unit
Power supply voltage
VCC
V
Min.
Max.
4.5
5.0
5.5
Product
S.P.amp
Other functions
BA7786FP-Y
BA7787FS
H.P.amp
Stereo
Stereo
Stereo
Monaural
SYSTEM / PM BEEP input, SUSPEND, EVR, MUTE,
BEEP level control


Similar Part No. - BA7787FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7780 ROHM-BA7780 Datasheet
144Kb / 10P
Stereo zoom microphone amplifier for camcorders
BA7780KV ROHM-BA7780KV Datasheet
144Kb / 10P
Stereo zoom microphone amplifier for camcorders
BA7781 ROHM-BA7781 Datasheet
121Kb / 7P
Stereo microphone amplifier for camcorders
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
Stereo microphone amplifier for camcorders
More results

Similar Description - BA7787FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5210FS ROHM-BA5210FS Datasheet
136Kb / 8P
Speaker / headphone switch power amplifier
logo
List of Unclassifed Man...
BH7821BFP-Y ETC1-BH7821BFP-Y Datasheet
96Kb / 2P
Headphone/Speaker amplifier for notebook PC
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
System Power PWM Controller for Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
Notebook Computers
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
Notebook Computers
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com