Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 22 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 22 Page - Rohm

Back Button BA7787FS Datasheet HTML 16Page - Rohm BA7787FS Datasheet HTML 17Page - Rohm BA7787FS Datasheet HTML 18Page - Rohm BA7787FS Datasheet HTML 19Page - Rohm BA7787FS Datasheet HTML 20Page - Rohm BA7787FS Datasheet HTML 21Page - Rohm BA7787FS Datasheet HTML 22Page - Rohm BA7787FS Datasheet HTML 23Page - Rohm BA7787FS Datasheet HTML 24Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Multimedia ICs
BA7786FP-Y / BA7787FS
J2
J3
J4
J8
J5
SP
OUT2
SP
OUT1
SP
GND
SP
VCC
R9
R8
R7
R6
R5
R4
R3
C11
C12
C10
C6
HP
VCC
HP
GND
HP R
GND
HP
OUT R
HP
OUT L
HP L
GND
C9
R12
C5
C4
C3
C2
C1
APB-BA7787FS
R2
R1
R10
R11
Fig. 17
•Board labelling diagram
BA7787FS
LINE IN L: Line input Lch
LINE IN R: Line input Rch
SYSTEM BEEP IN: System beep sound input
PM BEEP IN: PM beep sound input
HP OUT L: Headphone output Lch monitor
HP OUT R: Headphone output Rch monitor
SP OUT 1: Speaker connection pin (BTL)
SP OUT 2: Speaker connection pin (BTL)
SP VCC: Supply voltage input + 5.0V
HP VCC: Supply voltage input + 5.0V
VR1: Electric volume adjuster va
(On this board, GHP is set to its maximum by turning
the volume adjuster clockwise as far as it will go.)
MUTE: MUTE control switch
HP SUS: HP suspend control switch
SP SUS: SP suspend control switch
MIX ON / OFF: LINE MIX ON / OFF switch
(On this board, pin 12 automatically drops to the
ground level when a headphone is plugged into the
jack.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com