Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 20 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 20 Page - Rohm

Back Button BA7787FS Datasheet HTML 16Page - Rohm BA7787FS Datasheet HTML 17Page - Rohm BA7787FS Datasheet HTML 18Page - Rohm BA7787FS Datasheet HTML 19Page - Rohm BA7787FS Datasheet HTML 20Page - Rohm BA7787FS Datasheet HTML 21Page - Rohm BA7787FS Datasheet HTML 22Page - Rohm BA7787FS Datasheet HTML 23Page - Rohm BA7787FS Datasheet HTML 24Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Multimedia ICs
BA7786FP-Y / BA7787FS
SP
OUT1
L
SP
OUT2
L
J2
J3
J4
J10
J9
J8
J5
SP
OUT2
R
SP
OUT1
R
SP
GND
SP
VCC
R13
R11
R12
R10
R9
R8
R7
R6
R5
R4
R1
R2
R3
C1
C2
C3
C11
C12
C10
C9
C6
C4
R17
R16
HP
VCC
HP
GND
HP R
GND
HP
OUT R
HP
OUT L
HP L
GND
APB-BA7786FP-Y
Fig. 15
•Board labelling diagram
BA7786FP-Y
LINE IN L: Line input Lch
LINE IN R: Line input Rch
SYSTEM BEEP IN: System beep sound input
PM BEEP IN: PM beep sound input
HP OUT L: Headphone output Lch monitor
HP OUT R: Headphone output Rch monitor
SP OUT L 1 / 2: Speaker connection pin (BTL)
SP OUT R 1 / 2: Speaker connection pin (BTL)
SP VCC: Supply voltage input + 5.0V
HP VCC: Supply voltage input + 5.0V
VR1: Electric volume adjuster va
(On this board, GHP is set to its maximum by turning
the volume adjuster clockwise as far as it will go.)
MUTE: MUTE control switch
HP SUS: HP suspend control switch
SP SUS: SP suspend control switch
MIX ON / OFF: LINE MIX ON / OFF switch
(On this board, pin 12 automatically drops to the
ground level when a headphone is plugged into the
jack.)
LCH ON / OFF: SP AMP LCH ON / OFF switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com