Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 4 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 4 Page - Rohm

  BA7787FS Datasheet HTML 1Page - Rohm BA7787FS Datasheet HTML 2Page - Rohm BA7787FS Datasheet HTML 3Page - Rohm BA7787FS Datasheet HTML 4Page - Rohm BA7787FS Datasheet HTML 5Page - Rohm BA7787FS Datasheet HTML 6Page - Rohm BA7787FS Datasheet HTML 7Page - Rohm BA7787FS Datasheet HTML 8Page - Rohm BA7787FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Multimedia ICs
BA7786FP-Y / BA7787FS
•Control pin circuits
100k
3,15pin
10k
HP VCC
BA7786FP-Y
MUTE CTRL (3pin)
MONO / ST (15pin)
100k
12,13pin
10k
HP VCC
HP SUSPEND (12pin)
SP SUSPEND (12pin)
20k
100k
18pin
HP VCC
LINE MIX ON / OFF (18pin)
100k
3pin
10k
HP VCC
BA7787FS
MUTE CTRL (3pin)
Note) All figures are design values, and do not represent guaranteed performance.
10k
9,10pin
HP VCC
HP SUSPEND (9pin)
SP SUSPEND (10pin)
20k
100k
12pin
HP VCC
LINE MIX ON / OFF (12pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com