Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 8 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 8 Page - Sames

Back Button SA3488 Datasheet HTML 4Page - Sames SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames SA3488 Datasheet HTML 10Page - Sames SA3488 Datasheet HTML 11Page - Sames SA3488 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SA3488
sames
8
PIN DESCRIPTION
Pin
Designation
Description
17
D7
Bidirectional data bus used to transfer data and instructions
18
D6
to and from the microprocessor. The output bus is 8 bits
19
D5
wide and the input 5 bits wide. D0 is the least significant
20
D4
digit. The bus is tristate and is not available for use while
21
D3
RESET is held low.
22
D2
23
D1
24
D0
30
C/D
In a write operation C/D = 0 qualifies bus content as data,
while C/D = 1 qualifies it as a opcode. In a read operation
C/D = 0 selects OR1 whereas C/D = 1 selects OR2.
33
CS2
Chip select pins. Enable the device to perform valid read
34
CS1
and write operations (active low). The two pins allow for
row column selection for different types of microprocessors;
normally though one is tied low.
26
S2
Address select or match pins. With S1 and S2 hardwired
27
A2
to ground or V
CC, signals on A1 and A2 give rise to a 28S1
matched or unmatched condition i.e. S1=A1, S2=A2 =>a
29
A1
matched condition. Since in a matrix structure, devices in
the same row share the same PCM output bus, instructions
pertaining to channel connections (matched condition),
must be processed as channel disconnections in the other
devices (unmatched condition).
Two channels can
therefore never collide.
35
WR
When CS1 and CS2 are low, WR enables data transfer
from the microprocessor to the device. Data, opcode and
control signals are latched on the rising edge of WR. To
ensure simultaneous instruction execution in a multichip
configuration the WR rising edge must be 20 to 20 + t
WL(CK)
nsec late relative to the clock falling edge.
36
RD
When CS1 and CS2 are low and a matched condition
exists, a low level on RD enables OR1 or OR2 for a read
operation. In addition the rising edge of RD latches C/D
and the matched condition pins in order to direct the
internal
flow of operations. In a multichip configuration
the same timing requirement must be met as in the WR
case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com