Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 14 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 14 Page - Sames

Back Button SA3488 Datasheet HTML 10Page - Sames SA3488 Datasheet HTML 11Page - Sames SA3488 Datasheet HTML 12Page - Sames SA3488 Datasheet HTML 13Page - Sames SA3488 Datasheet HTML 14Page - Sames SA3488 Datasheet HTML 15Page - Sames SA3488 Datasheet HTML 16Page - Sames SA3488 Datasheet HTML 17Page - Sames SA3488 Datasheet HTML 18Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SA3488
sames
14
INSTRUCTION TABLES
The most significant digits of OR2 A7, A6, A5 are a copy of the PCM selected output bus;
the least significant digits or OR2 are the opcode while C8 is the control bit. In all cases
parentheses () define actual register contents.
INSTRUCTION 1: CHANNEL CONNECTION/DISCONNECTION
Control Signals
Data Bus
Match C/D CS
WR RD
D7
D6
D5
D4
D3
D2
D1
D0
Notes
X
0
0
0
1
X
X
X
X
X
Bi2
Bi1
Bi0
1st Data Byte:selected input bus
X
0
0
0
1
X
X
X
Ci4
Ci3
Ci2
Ci1
Ci0
2nd Data Byte: selected input
channel
X
0
0
0
1
X
X
X
X
X
Bo2 Bo1 Bo0 3rd Data Byte: selected output
bus
X
0
0
0
1
X
X
X
Co4 Co3 Co2 Co1 Co0 4thData Byte: selected output
channel
Yes/No 1
0
0
1
X
X
X
X
0
0
0
1
Instruction Opcode
Yes
0
0
1
0
C7
C6
C5
C4
C3
C2
C1
C0
0R1 : CM content copy,
(1
11
1111
1)
that is for mismatch
(Bi2 Bi1
Bi0
Ci4
Ci3
Ci2
Ci1
Ci0) condition or match
condition
Yes
1
010
A7
A6
A5
C8
000
1OR2
(Bo2 B01 Bo0 1000
1)
(Bo2 Bo1 Bo0 0000
1)
INSTRUCTION 2: OUTPUT CHANNEL DISCONNECTION
Control Signals
Data Bus
Match C/D CS
WR RD
D7
D6
D5
D4
D3
D2
D1
D0
Notes
X
0
0
0
1
X
X
X
X
X
Bo2 Bo1 Bo0 1stData Byte: selected output
bus
X
0
0
0
1
X
X
X
Co4 Co3 Co2 Co1 Co0 2nd Data Byte: selected
output channel
Yes
1
0
0
1
X
X
X
X
0
0
1
0
Instruction Opcode
Yes
0
010
111
1111
1
OR1 : CM Content Copy
(output channel is inactive)
Yes
1
010
A7
A6
A5
1001
0OR2
(Bo2 Bo1 Bo0 1001
0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com