Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 3 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 3 Page - Sames

  SA3488 Datasheet HTML 1Page - Sames SA3488 Datasheet HTML 2Page - Sames SA3488 Datasheet HTML 3Page - Sames SA3488 Datasheet HTML 4Page - Sames SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SA3488
sames
3
ABSOLUTE MAXIMUM RATINGS *
Symbol
Parameter
Value
Unit
V
CC
Supply Voltage
-0.3 to 7
V
V
I
Input Voltage
-0.3 to 7
V
V
O
Off State Output
7
V
P
tot
Total Package Power Dissipation
1.5
W
T
stg
Storage Temperature Range
-40 to +125
°C
T
op
Operating Temperature Range
0 to +70
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only. Functional operation of the device at these or any other
condition above those indicated in the operation sections of this specification, is not implied.
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
V
CC
Supply Voltage
4.75 to 5.25
V
V
I
Input Voltage
0 to 5.25
V
V
O
Off State Input Voltage
0 to 5.25
V
CLOCK Freq.
Input Clock Frequency
4.096
MHz
SYNC Freq.
Input Synchronization
8
KHz
T
op
Operating Temperature
0 to 70
°C
CAPACITANCES (Measuring freq. = 1MHz; T
op = 0 to 70°C; unused pins tied to VSS)
Symbol Parameter
Pins
Min. Typ. Max. Unit
C
I
Input Capacitance
6 to 15; 26 to 30; 32 to 36
5
pf
C
I/0
I/O Capacitance
20 to 24
15
pf
C
0
Output Capacitance 1 to 4; 17 to 19; 37 to 40
10
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com