Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 6 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 6 Page - Sames

Back Button SA3488 Datasheet HTML 2Page - Sames SA3488 Datasheet HTML 3Page - Sames SA3488 Datasheet HTML 4Page - Sames SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames SA3488 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SA3488
sames
6
A.C. ELECTRICAL CHARACTERISTICS (Cont.)
Signal
Symbol
Parameter
Test Conditions
Min. Typ.
Max. Unit
CS1,
t
SL(CS-WR)
Low level setup time
Active Case
0
ns
CS2
to WR falling edge
t
HL(CS-WR)
Low level hold time
Active Case
0
ns
from WR rising edge
t
SH(CS-WR)
High level setup time
Inactive Case
0
ns
to WR falling edge
t
HH(CS-WR)
High level hold time
Inactive Case
0
ns
from WR rising edge
t
SL(CS-RD)
Low level setup time
Active Case
0
ns
to RD falling edge
t
HL(CS-RD)
Low level hold time
Active Case
0
ns
from RD rising edge
t
SH(CS-RD)
High level setup time
Inactive Case
0
ns
to RD falling edge
t
HH(CS-RD)
High level hold time
Inactive Case
0
ns
from RD rising edge
C/D
t
S(C/D-WR)
Setup time to write
strobe end
130
ns
t
H(C/D-WR)
Hold time from
write strobe end
25
ns
t
S(C/D-WR)
Setup time to read
strobe start
20
ns
t
H(C/D-WR)
Hold time from read
strobe end
25
ns
A1,S1,
t
S(match-WR)
Setup time to write
130
ns
A2,S2
strobe end
(match
t
H(match-WR)
Hold time from
25
ns
inputs)
strobe end
t
S(match-RD)
Setup time to read
20
ns
strobe start
t
H(match-RD)
Hold time from read
25
ns
strobe end
DR
t
W
Low state width
Instructions 5,6
2 t
CK
ns
(data
t
PD
DR output delay
ready)
from write strobe end
Instructions 5,
5.t
CK
14 t
CK
(active command)
C
L= 50pf
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com