Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 5 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 5 Page - Sames

  SA3488 Datasheet HTML 1Page - Sames SA3488 Datasheet HTML 2Page - Sames SA3488 Datasheet HTML 3Page - Sames SA3488 Datasheet HTML 4Page - Sames SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SA3488
sames
5
A.C. ELECTRICAL CHARACTERISTICS (T
amb = 0 to 70°C, VCC = 5V
±5%)
All A.C. characteristics are valid 250µs after V
CC and clock have been applied.
C
L is the max.
capacitive load and R
L the test pull up resistor.
Signal
Symbol Parameter
Test Condition
Min.
Typ. Max. Unit
CK
t
CK
Clock Period
230
ns
(clock)
t
WL
Clock Low Level Width
100
ns
t
WH
Clock High Level Width
100
ns
t
R
Rise Time
25
ns
t
F
Fall Time
25
ns
SYNC
t
SL
Low Level Setup Time
80
ns
t
HL
Low Level Hold Time
40
ns
t
SH
High Level Setup Time
80
ns
t
WH
High Level Width
t
CK
ns
PCM input
t
S
Setup Time
-5
ns
Busses
t
H
Hold Time
45
ns
PCM
t
PDmin
Propagation time
CL = 50pf,R
L=2K
45
ns
Output
referred to CK low level
Busses
t
PDmax
Propagation time
CL = 50pf,R
L=2K
200
ns
referred to CK high level
RESET
t
SL
Low Level Setup Time
100
ns
t
HL
Low Level Hold Time
50
ns
t
SH
High Level Setup Time
90
ns
t
WH
High Level Width
t
CK
ns
WR
t
WL
Low Level Width
150
ns
t
WH
High Level Width
t
CK
ns
t
REP
Repetition Interval
t
REP = 40+2 tCK +
see
between Active Pulses
+ t
WL(CK) +
formula
t
SH
High Level Setup Time
+ t
R(CK)
0ns
to Active Read Strobe
t
HH
High Level Hold Time
20
ns
from Active Read Strobe
t
R
Rise Time
60
ns
t
F
Fall Time
60
ns
RD
t
WL
Low Level Width
180
ns
t
WH
High Level Width
t
CK
ns
t
REP
Repetition Interval
t
REP = 40+2 tCK
see
between Active Pulses
+ t
WL + tR
formula
t
SH
High Level Setup Time
0
ns
to Active Read Strobe
t
HH
High Level Hold Time
20
ns
from Active Write Strobe
t
R
Rise Time
60
ns
t
F
Fall Time
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com