Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 1 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 1 Page - Sames

  SA3488 Datasheet HTML 1Page - Sames SA3488 Datasheet HTML 2Page - Sames SA3488 Datasheet HTML 3Page - Sames SA3488 Datasheet HTML 4Page - Sames SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SA3488
sames
1
s
Actual
input-output
channel
connections stored and modified via
an on chip 8-bit parallel microprocessor
interface
s
6 main “Functions” or “Instructions”
available
s
Typical Bit Rate : 2Mbit/s
s
Typical Synchronization Rate : 8KHz
(time frame is 125µs)
s
5V power supply with internally
generated bias voltage
s
MOS & TTL input/output levels
compatible
sames
CMOS 256 X 256 DIGITAL SWITCHING MATRIX
SA3488
SA3488
s
Hardware (pin-to-pin) and software
compatible with M088 and M3488
s
256 input and 256 output channel digital
switching matrix
s
Building block designed for large
capacity electronic exchanges, sub-
systems and PABX
s
Non-blocking single stage and higher
capacity blocks (512 or 1024 channels)
s
European
and
U.S.
standard
compatible (32/24 serial channels per
frame)
s
PCM inputs and outputs mutually
compatible
FEATURES
DESCRIPTION
The SA3488 is a non-blocking digital
switching matrix that is capable of routing
256 input channels to any of 256 output
channels. Data is fed into and out of the
device via eight serial PCM input and
output channels at 2MBits/sec. The device
can connect or disconnect each input
channel with any output channel, as well as
carry out other functions which are user
programmable via an eight bit parallel
microprocessor interface.
The SA3488
sees its primary use as a building block in
high volume electronic exchanges, voice
data PABX and other standard data
communications applications. It can be
easily configured for operation in PCM 24
or PCM 30 formats.
PIN CONNECTIONS:


Similar Part No. - SA3488

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
SA3400 SYNOLOGY-SA3400 Datasheet
771Kb / 9P
SA3600 & SA3400 Series
SA3400 SYNOLOGY-SA3400 Datasheet
969Kb / 7P
Synology NAS SA3400
SA3400D SYNOLOGY-SA3400D Datasheet
931Kb / 10P
High Scalability SA3400D
SA3410 SYNOLOGY-SA3410 Datasheet
771Kb / 9P
SA3600 & SA3400 Series
SA3410 SYNOLOGY-SA3410 Datasheet
916Kb / 10P
High Scalability SA3600 & SA3400 Series
More results

Similar Description - SA3488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M3488 STMICROELECTRONICS-M3488 Datasheet
193Kb / 18P
256 x 256 DIGITAL SWITCHING MATRIX
Nov-1994
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
256 x 4 CMOS RAM
March 1997
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
256 x 4 CMOS RAM
March 1997
logo
Integrated Device Techn...
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com