Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 4 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 4 Page - Sames

  SA3488 Datasheet HTML 1Page - Sames SA3488 Datasheet HTML 2Page - Sames SA3488 Datasheet HTML 3Page - Sames SA3488 Datasheet HTML 4Page - Sames SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SA3488
sames
4
D.C. ELECTRICAL CHARACTERISTICS (T
amb = 0 to 70°C, VCC = 5V
5%)
All D.C. characteristics are valid 250µs after V
CC and clock have been applied.
Symbol Parameter
Pins
Test Condition
Min. Typ. Max. Unit
V
ILC
Clock Input Low Level
6
-0.3
0.8
V
V
IHC
Clock Input High Level
6
2.4
V
CC
V
V
IL
Input Low Level
7 to 15
-0.3
0.8
20 to 24
V
26 to 30
32 to 36
V
IH
Input High Level
7 to 15
2.0
V
CC
20 to 24
V
26 to 30
32 to 36
V
OL
Output Low Level
17 to 25
I
OL = 1.8mA
0.4
V
V
OH
Output High Level
17 to 25
I
OH = 250µA
2.4
V
V
OL
PCM Output Low Level
1 to 4
I
OL = 2.0mA
0.4
V
37 to 40
I
IL
Input Leakage Current
6 to 15
V
IN = 0 to VCC
10
µA
26 to 30
32 to 36
I
DL
Data Bus Leakage
17 to 24
V
IN = 0 to VCC
±10
µA
Current
V
CC applied;
Pins 35
and 36 tied to V
CC, after
Device Initialization
I
CC
Supply Current
16
Clock Freq.= 4.096MHz
180
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com