Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 10 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 10 Page - Sames

Back Button SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames SA3488 Datasheet HTML 10Page - Sames SA3488 Datasheet HTML 11Page - Sames SA3488 Datasheet HTML 12Page - Sames SA3488 Datasheet HTML 13Page - Sames SA3488 Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SA3488
sames
10
Pin Description (Cont.)
Pin
Designation
Description
37
OUT PCM7
Output PCM channel bit rate is also 2MBits/sec.
The
output
38
OUT PCM6
buffers are open drain simulating a wired
OR connection.
39 OUT PCM5 This minimises current spike problems in
multichip
40 OUT PCM4 configurations. Input and output channels
are driven in
1 OUT PCM3 such a manner as to reduce any analogue
delay time up to:
2
OUT PCM2
Time delay max = 1 bit time-(clock high prop. time - Clock
3
OUT PCM1
low prop. time).
4
OUT PCM0
5
BIAS
Internally generated bias voltage (-2.5 to -3.0V for V
CC in
the operating range). A maximum of 220pf capacitor
connected to pin 5 provides improved filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com