Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA3488 Datasheet(PDF) 9 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 9 Page - Sames

Back Button SA3488 Datasheet HTML 5Page - Sames SA3488 Datasheet HTML 6Page - Sames SA3488 Datasheet HTML 7Page - Sames SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames SA3488 Datasheet HTML 10Page - Sames SA3488 Datasheet HTML 11Page - Sames SA3488 Datasheet HTML 12Page - Sames SA3488 Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SA3488
sames
9
Pin Description (Cont.)
Pin
Designation
Description
32
RESET
This pin is used to initialise the device. The initialisation
routine takes one time frame whatever the RESET pulse
width (one clock cycle minimum). All internal registers are
set 'high' and the control memory is set to all 'ones' i.e.
channel disconnection. The data bus is pulled to a high
impedance state as well as the PCM output channels.
25
DR
DR is the data ready pin which is normally high. If DR goes
low the following information is available via this pin.
1. Invalid instruction code (The pin is held low until a valid
instruction is loaded).
2. An active output channel was found in a matrix of
devices with the same CS pins during the execution of
instruction 5. DR is low for two clock cycles.
3. Status register 2 was loaded with the total number of
messages in time slot 0 during the execution of
instruction
6. DR is active low for two clock cycles.
6
CLOCK
Input clock frequency is typically 4.096Mhz. This signal
will set the internal input/ output channel bit rate to 2.048
Mbits/sec. The bit rate is set by division of the master
clock frequency.
7
SYNC
The input synchronisation signal frequency is 8kHz and is
active low. Internally generated time bases that maintain
sequential addressing are synchonised via the SYNC
signal.
8
INP PCM7
The input PCM bus accepts a standard data rate of 2MBits/
sec.
9
INP PCM6
10
INP PCM5
11
INP PCM4
12
INP PCM3
13
INP PCM2
14
INP PCM1
15
INP PCM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com