Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 5 Page - Semtech Corporation

  SC820 Datasheet HTML 1Page - Semtech Corporation SC820 Datasheet HTML 2Page - Semtech Corporation SC820 Datasheet HTML 3Page - Semtech Corporation SC820 Datasheet HTML 4Page - Semtech Corporation SC820 Datasheet HTML 5Page - Semtech Corporation SC820 Datasheet HTML 6Page - Semtech Corporation SC820 Datasheet HTML 7Page - Semtech Corporation SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SC820
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Thermal Limiting Threshold Tempera-
ture
T
TL
130
°C
Thermal Limiting Rate
i
T
T
J
> T
TL
-50
mA/ °C
ENB Input High Voltage
V
IH
1.6
V
ENB Input Mid Voltage
V
IM
0.7
1.3
V
ENB Input Low Voltage
V
IL
0.3
V
ENB Input High-range Threshold
Input Current
I
IH_TH
ENB current required to pull ENB from
floating midrange into high range
23
50
μA
ENB Input High-range Sustain Input
Current
I
IH_SUS
Current required to hold ENB in
high range, Min V
IH
≤ V
ENB
≤ V
BAT
,
Min V
IH
≤ V
BAT
≤ 4.2V
0.3
1
μA
ENB Input Mid-range Load Limit
I
IM
Input will float to mid range when this
load limit is observed.
-5
5
μA
ENB Input Low-range Input Current
I
IL
0V ≤ V
ENB
≤ Max V
IL
-25
-12
μA
ENB Input Leakage
I
ILEAK
V
VIN
= 0V, V
ENB
= V
BAT
= 4.2V
1
μA
STATB Output Low Voltage
V
STAT_LO
I
STAT_SINK
= 2mA
0.5
V
STATB Output High Current
I
STAT_HI
V
STAT
= 5V
1
μA
Notes:
(1)
Sustained operation to VT
ADsel-F
≤ V
VAD
is guaranteed only if a current limited charging source applied to VAD is pulled below VT
ADsel-R
by the
charging load; forced VAD voltage below VT
ADsel-R
may in some cases result in regulation errors or other unexpected behavior.
(2)
If VAD is the selected input but V
VAD
< V
VUSB
, such as when VAD is operating with an adapter in current limit while a VUSB charging source is
applied, Iq
VUSB_DES
will increase to approximately Iq
VUSB_EN
.
(3)
At load currents exceeding 700mA, or at 700mA while at elevated ambient temperature, the charger may enter dropout with a 5V input before
the battery voltage has risen to V
CV
. See the specification of V
DO_AD
. Although this is a safe and acceptable mode of operation, specification of
V
CV
when in dropout is not applicable; higher input voltage will restore the charger to CV regulation in these cases. Note that V
BAT
is always
less than V
CV
while in dropout. As the battery state-of-charge increases, the charging current will decrease allowing the battery voltage to rise
to V
CV
, and CV regulation will begin. This appears as a softening or rounding of the CC-to-CV regulation mode transition, similar to that seen
in chargers with a linear CC-to-CV regulation crossover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com