Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 4Page - Semtech Corporation SC820 Datasheet HTML 5Page - Semtech Corporation SC820 Datasheet HTML 6Page - Semtech Corporation SC820 Datasheet HTML 7Page - Semtech Corporation SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation SC820 Datasheet HTML 10Page - Semtech Corporation SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SC820
8
Typical Characteristics (continued)
Charging Cycle Battery Voltage and Current
Pre-Charging Battery Voltage and Current
CC-to-CV Battery Voltage and Current
Re-Charge Cycle Battery Voltage and Current
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
0
1
2
3
4
5
6
7
Time (hrs)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VAD
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
1214161820
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
Time (s)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VAD
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
610
630
650
670
690
710
44
44.5
45
45.5
46
46.5
47
47.5
48
4.16
4.17
4.18
4.19
4.2
4.21
Time (min)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VAD
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2/6
6.5
7.0
7.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time (hrs)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VAD
= 5.0V, Load = 10mA
V
BAT
I
BAT
Discharge hours 2 - 6 omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com