Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SC820
15
Applications Information (continued)
state is explained in the next section. Mid-range can be
selected either by floating the input (sourcing or sinking
less than 5μA) or by being externally forced such that V
ENB
falls within the midrange limits specified in the Electrical
Characteristics table.
While driven low (V
ENB
< Max V
IL
), the charger is enabled
and will continue to float-charge the battery following
termination. If the charger is already in monitor state fol-
lowing a previous termination, it will exit the monitor state
and begin float-charging.
While ENB is driven high (V
ENB
> Min V
IH
), the charger is
disabled and the ENB input pin enters a high impedance
state, suspending tri-level functionality. The specified
high level input current I
IH
is required only until a high
level is recognized by the SC820 internal logic. The tri-
level float circuitry is then disabled and the ENB input
becomes high impedance. Once forced high, the ENB pin
will not float to mid range. To restore tri-level operation,
the ENB pin must first be pulled down to mid or low range
(at least to V
ENB
< Max V
IM
), then, if desired, released (by
reconfiguring the GPIO as an input) to select mid-range. If
the ENB GPIO has a weak pull-down when configured as
an input, then it is unnecessary to drive ENB low to restore
tri-level operation; simply configure the GPIO as an input.
When the ENB selection changes from high-range to mid-
or low-range, a new charge cycle begins and STATB goes
low.
Note that if a GPIO with a weak pull-up input configura-
tion is used, its pull-up current will flow from the GPIO into
the ENB pin while it is floating to mid-range. Since the
GPIO is driving a 1V equivalent voltage source through a
resistance (looking into ENB), this current is small − possi-
bly less than 1
μA. Nevertheless, this current is drawn from
the GPIO peripheral power supply and, therefore, from the
battery after termination. (See the next section, Monitor
State.) For this reason, it is preferable that the GPIO chosen
to operate the ENB pin should provide a true high imped-
ance (CMOS) configuration or a weak pull-down when
configured as an input. When pulled below the float
voltage, the ENB pin output current is sourced from VAD
or VUSB (the charging source), not from the battery.
Monitor State
If the ENB pin is floating, the charger output and STATB pin
will turn off and the device will enter the monitor state
when a charge cycle is complete. If the battery voltage
falls below the re-charge threshold (V
CV
- V
ReQ
) while in the
monitor state, the charger will automatically initiate a re-
charge cycle. The battery leakage current during monitor
state is no more than 1
μA over temperature and typically
less than 0.1
μA at room temperature.
While in the monitor state, the ENB tri-level input pin
remains fully active, and although in midrange, is sensitive
to both high and low levels. The SC820 can be forced from
the monitor state (no float-charging) directly to float-
charging operation by driving ENB low. This operation will
turn on the charger output, but will not assert the STATB
output. If the ENB pin is again allowed to float to mid-
range, the charger will remain on only until the output
current becomes less than the termination current, and
charging terminates. The SC820 turns off its charging
output and returns to the monitor state within a millisec-
ond. This forced re-charge behavior is useful for periodi-
cally testing the battery state-of-charge and topping-off
the battery, without float-charging and without requiring
the battery to discharge to the automatic re-charge
voltage. ENB should be held low for at least 1ms to ensure
a successful forced re-charge.
Forced re-charge can be requested at any time during the
charge cycle, or even with no charging source present,
with no detrimental effect on charger operation. This
allows the host processor to schedule a forced re-charge
at any desired interval, without regard to whether a charge
cycle is already in progress, or even whether a charging
source is present. Forced re-charge will neither assert nor
release the STATB output.
Status Output
The STATB pin is an open-drain output. It is asserted
(driven low) as charging begins after a valid charging
source is connected and the voltage on either input is
between its selection and OVP limits. STATB is also
asserted as charging begins after the ENB input returns to
either of the enable voltage ranges (mid or low voltage)
from the disable range. STATB is subsequently released
when the termination current is reached to indicate end-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com