Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 10Page - Semtech Corporation SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SC820
14
Applications Information (continued)
within the immediate 300μs to 550μs past interval is less
than the programmed termination current. This timing
behavior permits charge cycle termination to occur during
a brief low-load-current interval, and does not require that
the longer interval average load current be small.
Termination threshold current accuracy is dominated by
offset error. The range of expected termination current
versus programming resistance R
IPRGM
(for either VAD or
VUSB input selected) is shown in Figures 3a and 3b. The
figures show the nominal termination current versus
nominal R
IPRGM
resistance as the center plot and two theo-
retical limit plots indicating maximum and minimum
current versus nominal programming resistance. These
plots are derived from models of the expected worst-case
contribution of error sources depending on programmed
current. The current range includes the uncertainty due
to a 1% tolerance resistor. The dots on each plot indicate
the currents obtained with the Electronic Industries
Association (EIA) E96 standard value 1% tolerance resis-
tors. Figures 3a and 3b show low and high resistance
ranges, respectively.
Enable Input
The ENB pin is a tri-level logical input that allows selection
of the following behaviors:
Charging enabled with float-charging after ter-
mination (ENB = low range)
•
Charging enabled with float-charging disabled
and battery monitoring at termination (ENB =
mid range)
Charging disabled (ENB = high range).
This input is designed to interface to a processor GPIO
port powered from a peripheral supply voltage as low as
1.8V or as high as a fully charged battery. While a con-
nected GPIO port is configured as an output, the proces-
sor writes a 0 to select ENB low-range, and 1 to select
high-range. The GPIO port is configured as an input to
select mid-range.
ENB can also be permanently grounded to select low-
range or left unconnected to select mid-range if it will not
be necessary to change the level selection.
The equivalent circuit looking into the ENB pin is a vari-
able resistance, minimum 15kΩ, to an approximately 1V
source. The input will float to mid range whenever the
external driver sinks or sources less than 5μA, a common
worst-case characteristic of a high impedance or a weak
pull-up or pull-down GPIO configured as an input. The
driving GPIO must be able to sink at least 25μA or source
at least 50μA to ensure a low or high state, respectively.
(See the Electrical Characteristics table.)
With the ENB input voltage floating to mid-range, the
charger is enabled but it will turn off its output following
charge termination and will enter the monitor state. This
•
•
Figure 3a — Termination Current Tolerance versus
Programming Resistance, Low Resistance Range
22.5
33.5
44.5
55.5
66.5
7
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
R
IPRGM
(kΩ), R-tol = 1%
Figure 3b — Termination Current Tolerance versus
Programming Resistance, High Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
0
5
10
15
20
25
30
35
R
IPRGM
(kΩ), R-tol = 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com