Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 5Page - Semtech Corporation SC820 Datasheet HTML 6Page - Semtech Corporation SC820 Datasheet HTML 7Page - Semtech Corporation SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation SC820 Datasheet HTML 10Page - Semtech Corporation SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SC820
9
Pin Descriptions
Pin #
Pin Name
Pin Function
1VAD
Supply pin
— connect to charging adapter. This pin is protected against damage due to high voltage up to 30V.
2
VUSB
Supply pin
— connect to USB Vbus power. Typically 5V, limited load-current input. This pin is protected against
damage due to high voltage up to 30V.
3STATB
Status output pin
— This open-drain pin is asserted (pulled low) when a valid charging supply is connected to
either VAD or VUSB, and a charging cycle begins. It is released when the termination current is reached, indicating
that charging is complete. STATB is not asserted for re-charge cycles.
4
GND
Ground
5
IPUSB
Fast-charge and pre-charge current programming pin for the VUSB power source
— VUSB fast-charge current
is programmed by connecting a resistor from this pin to ground. VUSB pre-charge current is 20% of fast-charge
current.
6
IPRGM
Fast-charge and pre-charge current programming pin for the adapter power source
— VAD fast-charge current
is programmed by connecting a resistor from this pin to ground. VAD pre-charge current is 20% of fast-charge
current. The charging termination threshold current (for either VAD or VUSB input selection) is 10% of the IPRGM
programmed fast-charge current.
7BAT
Charger output
— connect to battery positive terminal.
8
ENB
Combined device enable/disable
— Logic high disables the device. Tie to GND to enable charging with indefinite
float-charging. Float this pin to enable charging without float-charge upon termination. Note that this pin must
be grounded if the SC820 is to be operated without a battery connected to BAT.
T
Thermal Pad
Pad is for heatsinking purposes
— not connected internally. Connect exposed pad to ground plane using mul-
tiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com