Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 7Page - Semtech Corporation SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation SC820 Datasheet HTML 10Page - Semtech Corporation SC820 Datasheet HTML 11Page - Semtech Corporation SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SC820
11
Charger Operation
The SC820 is a dual-input stand-alone Li-ion battery
charger. The VAD input pin is optimized for a charging
adapter. The VUSB pin is optimized for charging from the
USB Vbus supply. The device is independently pro-
grammed for battery-capacity-dependent currents
(adapter fast-charge current and termination current)
using the IPRGM pin. Charging currents from the USB
Vbus supply, which has a maximum load specification,
are programmed using the IPUSB pin.
When a valid input supply is first detected, a charge cycle
is initiated and the STATB open-drain output goes low. If
the battery voltage is less than the pre-charge threshold
voltage, the pre-charge current is supplied. Pre-charge
current is 20% of the programmed fast-charge current for
the selected input.
When the battery voltage exceeds the pre-charge thresh-
old, typically within seconds for a standard battery with a
starting cell voltage greater than 2V, the fast-charge
Constant Current (CC) mode begins. The charge current
soft-starts in three steps (20%, 60%, and 100% of pro-
grammed fast-charge current) to reduce adapter load
transients. CC current is programmed by the IPRGM resis-
tance to ground when the VAD input is selected and by
the IPUSB resistance to ground when the VUSB input is
selected.
The charger begins Constant Voltage (CV) regulation
when the battery voltage rises to the fully-charged single-
cell Li-ion regulation voltage (V
CV
), nominally 4.2V. In CV
regulation, the output voltage is regulated, and as the
battery charges, the charge current gradually decreases.
The STATB output goes high when I
BAT
drops below the
termination threshold current, which is 10% of the IPRGM
pin programmed fast-charge current regardless of the
input selected. This is known as charge termination.
Optional Float-charging or Monitoring
Depending on the state of the ENB input, upon termina-
tion the SC820 either operates indefinitely as a voltage
regulator (float-charging) or it turns off its output. If the
output is turned off upon termination, the device enters
the monitor state. In this state, the output remains off until
the BAT pin voltage decreases by the re-charge threshold
(VT
ReQ = 100mV typically). A re-charge cycle then begins
automatically and the process repeats. A forced re-charge
cycle can also be periodically commanded by the proces-
sor to keep the battery topped-off without float-charging.
See the Monitor State section for details. Re-charge cycles
are not indicated by the STATB pin.
Charging Input Selection
The SC820 has two charging supply input pins. VAD is
optimized for adapter charging. VUSB is optimized for
charging from the USB Vbus power supply. The inputs
differ in selection rising and de-selection falling thresh-
olds, their behavior when overloading their respective
charging sources, and in which current programming pin
determines the fast-charge and pre-charge current. Both
use the same Over-Voltage Protection (OVP) threshold.
Glitch filtering is performed on the VAD and VUSB inputs,
so an applied input voltage that is ringing across its selec-
tion threshold will not be selected until the ringing has
ceased. When both inputs exceed their respective UVLO
thresholds, VAD is selected even when VAD voltage is
applied while already charging from the VUSB input. VAD
is also selected in the case that the VAD voltage exceeds
its OVP threshold, so that an excessive VAD voltage will
disable charging despite the presence of a valid VUSB
input voltage.
When a valid input (defined as greater than its selection
threshold and less than the OVP threshold) is first
selected, a charge cycle is initiated and the STATB output
is asserted. When a new input selection is made (when
VAD is applied or removed while VUSB is present), the
charge cycle is immediately halted and re-initiated with
the newly selected input. There is a momentary (approxi-
mately 1ms) interruption in output current and a release
and re -assertion of the STATB pin during input
res-election.
If the VAD input charging current loads the adapter
beyond its current limit, the VAD input voltage will be
pulled down to just above the battery voltage. This is
referred to as Current-Limited-Adapter (CLA) operation.
The adapter input de-selection falling threshold is set
close to the battery voltage pre-charge threshold to
permit low-dissipation charging from a current limited
adapter.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com