Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation SC820 Datasheet HTML 20Page - Semtech Corporation SC820 Datasheet HTML 21Page - Semtech Corporation SC820 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
SC820
19
During charging, a short to ground applied to the selected-
input active current programming pin (IPRGM or IPUSB) is
detected by a different mechanism, while a short to
ground on the inactive programming pin is ignored. Pin-
short detection on an active current programming pin
forces the SC820 into reset, turning off the output. A pin-
short on either programming pin will then prevent startup
regardless of the input selected. When the IPRGM and
IPUSB pin-short conditions are removed, the charger
begins normal operation automatically without input
power cycling.
Over-Current Protection
Over-current protection is provided in all modes of opera-
tion, including CV regulation. The output current is limited
to either the pre-charge or the fast-charge current (as
programmed by IPRGM or IPUSB, determined by input
selection), depending on the voltage at the output.
Operation Without a Battery
The SC820 can be operated as a 4.2V LDO regulator
without the battery present, for example, for factory
testing. If this use is anticipated, the total output capaci-
tance, C
BAT
plus any other capacitors tied directly to BAT
pin network, should be at least 2.2μF but less than 22μF to
ensure stability in CV regulation. To operate the charger
without a battery, the ENB pin must be driven low or
grounded. The output current is limited by the pro-
grammed fast-charge current for the selected input. The
charger should not be disabled (V
ENB
> V
IH
) without a
battery present.
Design Considerations — USB Charging
The USB specification restricts the load on the USB Vbus
power network to 100mA for low power devices and for
high power devices prior to granting permission for high
power operation. The specification restricts the Vbus load
to 500mA for high power devices after granting permis-
sion to operate as a high power device. This suggests that
a fixed 1:5 ratio of low power to high power charging
current is desirable. But this can result in suboptimal
charging when the battery capacity is too small to permit
fast charging at 500mA. For example, a 250mAh battery
will typically require a fast-charge current of 250mA or
less. A fixed 1:5 ratio for USB low and high power charging
will unnecessarily reduce charging current to 50mA, well
below the 100mA permitted.
An arbitrary ratio of USB low-to-high power charging cur-
rents can be obtained using an external n-channel FET
operated with a processor GPIO signal to engage a second
parallel IPUSB resistor. The external circuit is illustrated in
Figure 6.
IPUSB
5
RIPUSB
RIPUSB_HI
USB Hi/Lo
Power Select
Figure 6 — External programming of arbitrary USB
high power and low power charge currents.
For USB low power mode charging, the external transistor
is turned off. The transistor is turned on when high power
mode is desired. The effect of the switched parallel IPUSB
resistor is to reduce the effective programming resistance
and thus raise the fast-charge current.
An open-drain GPIO can be used directly to engage the
parallel resistor R
IPUSB_HI
. Care must be taken to ensure that
the R
DS-ON
of the GPIO is considered in the selection of
R
IPUSB_HI
. Also important is the part-to-part and tempera-
ture variation of the GPIO R
DS-ON
, and their contribution to
the USB High Power charge current tolerance. Note also
that IPUSB will be pulled up briefly to as high as 3V during
startup to check for an IPUSB static pinshort to ground. A
small amount of current could, potentially, flow from
IPUSB into the GPIO ESD structure through R
IPUSB_HI
during
this event. While unlikely to do any harm, this effect must
also be considered.
For purposes of design for dual-input adapter/USB charg-
ing, a small battery is one with a desired fast-charge
current less than 500mA. A 300mAh battery with
maximum fast-charge current of 300mA is an example.
The adapter input and USB input high power fast-charge
currents should both be set to 300mA maximum. The USB
input low power fast-charge current is 100mA maximum.
Refer to the circuit of Figure 4 and the data of Figures 1a
and 1b. For I
FQ_AD
= 300mA maximum, use R
IPRGM
= 7.50kΩ.
The fixed IPUSB resistor of R
IPUSB
= 23.2kΩ programs I
FQ_USB
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com