Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 2Page - Semtech Corporation SC820 Datasheet HTML 3Page - Semtech Corporation SC820 Datasheet HTML 4Page - Semtech Corporation SC820 Datasheet HTML 5Page - Semtech Corporation SC820 Datasheet HTML 6Page - Semtech Corporation SC820 Datasheet HTML 7Page - Semtech Corporation SC820 Datasheet HTML 8Page - Semtech Corporation SC820 Datasheet HTML 9Page - Semtech Corporation SC820 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SC820
6
Typical Characteristics
CV Line Regulation
CV Load Regulation
CV Temperature Regulation
CC FQ Line Regulation (AD or USB)
CC FQ V
BAT Regulation (AD or USB)
CC FQ Temperature Regulation (AD or USB)
5
5.566.5
77.5
8
4.18
4.184
4.188
4.192
4.196
4.2
4.204
V
VAD
(V)
T
A
= 25
ο
C, I
BAT
= 50mA
0
100
200
300
400
500
600
700
800
4.18
4.184
4.188
4.192
4.196
4.2
4.204
I
BAT
(mA)
T
A
= 25
ο
C, V
VAD
= 5V
-40
-20
0
20
40
60
80
100
120
4.18
4.184
4.188
4.192
4.196
4.2
4.204
Ambient Temperature (
o
C)
V
VAD
= 5V, I
BAT
= 50mA
4.5
5
5.5
6
6.5
7
7.5
8
440
480
520
560
600
640
680
720
R
IPRGM
or R
IPUSB
= 2.94kΩ
R
IPRGM
or R
IPUSB
= 4.42kΩ
V
VAD
(V)
T
A
= 25
ο
C, V
BAT
= 3.7V
2.9
3.1
3.3
3.5
3.7
3.9
4.1
440
480
520
560
600
640
680
720
V
BAT
(V)
T
A
= 25
ο
C, V
VAD
= 5V
R
IPRGM
or R
IPUSB
= 2.94kΩ
R
IPRGM
or R
IPUSB
= 4.42kΩ
-40
-20
0
20
40
60
80
100
120
440
480
520
560
600
640
680
720
Ambient Temperature (
o
C)
V
VAD
= 5V, V
BAT
= 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com