Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC820 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC820
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC820 Datasheet HTML 12Page - Semtech Corporation SC820 Datasheet HTML 13Page - Semtech Corporation SC820 Datasheet HTML 14Page - Semtech Corporation SC820 Datasheet HTML 15Page - Semtech Corporation SC820 Datasheet HTML 16Page - Semtech Corporation SC820 Datasheet HTML 17Page - Semtech Corporation SC820 Datasheet HTML 18Page - Semtech Corporation SC820 Datasheet HTML 19Page - Semtech Corporation SC820 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SC820
16
Applications Information (continued)
of-charge, when the ENB input is driven high to disable
charging, or when neither charging input is selected and
valid to charge. If the battery is already fully charged
when a charge cycle is initiated, STATB is asserted for
approximately 750μs before being released. The STATB
pin is not asserted for automatic re-charge cycles.
The STATB pin may be connected to an interrupt input to
notify a host controller of the charging status or it can be
used as an LED driver.
Logical CC-to-CV Transition
The SC820 differs from monolithic linear single cell Li-ion
chargers that implement a linear transition from CC to CV
regulation. The linear transition method uses two simul-
taneous feedback signals — output voltage and output
current — to the closed-loop controller. When the output
voltage is sufficiently below the CV regulation voltage, the
influence of the voltage feedback is negligible and the
output current is regulated to the desired current. As the
battery voltage approaches the CV regulation voltage
(4.2V), the voltage feedback signal begins to influence the
control loop, which causes the output current to decrease
although the output voltage has not reached 4.2V. The
output voltage limit dominates the controller when the
battery reaches 4.2V and eventually the controller is
entirely in CV regulation. The soft transition effectively
reduces the charge current below that which is permitted
for a portion of the charge cycle, which increases charge
time.
In the SC820, a logical transition is implemented from CC
to CV to recover the charge current lost due to the soft
transition. The controller regulates only current until the
output voltage exceeds the transition threshold voltage.
It then switches to CV regulation. The transition voltage
from CC to CV regulation is typically 5mV higher than the
CV regulation voltage, which provides a sharp and clean
transition free of chatter between regulation modes. The
difference between the transition voltage and the regula-
tion voltage is termed the CC/CV overshoot. While in CV
regulation, the output current sense remains active. If the
output current exceeds by 5% the programmed fast-
charge current, the controller reverts to current
regulation.
The logical transition from CC to CV results in the fastest
possible charging cycle that is compliant with the speci-
fied current and voltage limits of the Li-ion cell. The output
current is constant at the CC limit, then decreases abruptly
when the output voltage steps from the overshoot voltage
to the regulation voltage at the transition to CV control.
Thermal Limiting
Device thermal limiting is the third output constraint of
the Constant Current, Constant Voltage, “Constant”
Temperature (CC/CV/CT) control. This feature permits a
higher input OVP threshold, and thus the use of higher
voltage or poorly regulated adapters. If high input voltage
results in excessive power dissipation, the output current
is reduced to prevent overheating of the SC820. The
thermal limiting controller reduces the output current by
i
T
≈ –50mA/ºC for any junction temperature T
J
> T
TL
.
When thermal limiting is inactive,
T
J
= T
A
+ V
Δ
I
FQ
θ
JA
,
where V
Δ
is the voltage difference between the VIN pin
and the BAT pin. However, if T
J
computed this way exceeds
T
TL
, then thermal limiting will become active and the
thermal limiting regulation junction temperature will be
T
JTL
= T
A
+ V
Δ
I(T
JTL
) θ
JA
,
where
I(T
JTL
) = I
FQ
+ i
T
(T
JTL
− T
TL
).
(Note that i
T
is a negative quantity.) Combining these two
equations and solving for T
JTL
, the steady state junction
temperature during active thermal limiting is
JA
T
JA
TL
T
x
_
FQ
A
JTL
i
V
1
T
i
I
V
T
T
Although the thermal limiting controller is able to reduce
output current to zero, this does not happen in practice.
Output current is reduced to I(T
JTL
), reducing power dissi-
pation such that die temperature equilibrium T
JTL
is
reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com