Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 70 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 70 Page - Intel Corporation

Back Button 910GL Datasheet HTML 66Page - Intel Corporation 910GL Datasheet HTML 67Page - Intel Corporation 910GL Datasheet HTML 68Page - Intel Corporation 910GL Datasheet HTML 69Page - Intel Corporation 910GL Datasheet HTML 70Page - Intel Corporation 910GL Datasheet HTML 71Page - Intel Corporation 910GL Datasheet HTML 72Page - Intel Corporation 910GL Datasheet HTML 73Page - Intel Corporation 910GL Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
70
Datasheet
4.1.4
PCISTS—PCI Status (D0:F0)
PCI Device:
0
Address Offset:
06h
Default Value:
0090h
Access:
RO, R/W/C
Size:
16 bits
This status register reports the occurrence of error events on Device 0’s PCI interface. Since the
(G)MCH Device 0 does not physically reside on Primary PCI, many of the bits are not
implemented.
Bit
Access &
Default
Description
15
RO
0b
Detected Parity Error (DPE): Hardwired to a 0.
14
R/W/C
0b
Signaled System Error (SSE): Software clears this bit by writing a 1 to it.
1 = The (G)MCH Device 0 generated an SERR message over DMI for any
enabled Device 0 error condition. Device 0 error conditions are enabled in the
PCICMD, and ERRCMD registers. Device 0 error flags are read/reset from
the PCISTS, or ERRSTS registers.
13
R/WC
0b
Received Master Abort Status (RMAS): Software clears this bit by writing a 1 to
it.
1 = (G)MCH generated a DMI request that receives an Unsupported Request
completion packet.
12
R/WC
0b
Received Target Abort Status (RTAS): Software clears this bit by writing a 1 to
it.
1 = (G)MCH generated a DMI request that receives a Completer Abort
completion packet.
11
RO
0b
Signaled Target Abort Status (STAS): The (G)MCH will not generate a Target
Abort DMI completion packet or Special Cycle. This bit is not implemented in the
(G)MCH and is hardwired to a 0.
10:9
RO
00b
DEVSEL Timing (DEVT): These bits are hardwired to "00". Device 0 does not
physically connect to Primary PCI. These bits are set to "00" (fast decode) so
that optimum DEVSEL timing for Primary PCI is not limited by the (G)MCH.
8
RO
0b
Master Data Parity Error Detected (DPD): PERR signaling and messaging are
not implemented by the (G)MCH; therefore, this bit is hardwired to 0.
7
RO
1b
Fast Back-to-Back (FB2B): Hardwired to 1. Device 0 does not physically
connect to Primary PCI. This bit is set to 1 (indicating fast back-to-back
capability) so that the optimum setting for Primary PCI is not limited by the
(G)MCH.
6
Reserved
5
RO
0b
66 MHz Capable: Does not apply to PCI Express*. Hardwired to 0.
4
RO
1b
Capability List (CLIST): This bit is hardwired to 1 to indicate to the configuration
software that this device/function implements a list of new capabilities. A list of
new capabilities is accessed via register CAPPTR at configuration address offset
34h. Register CAPPTR contains an offset pointing to the start address within
configuration space of this device where the Capability standard register resides.
3:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com