Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 50 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 50 Page - Intel Corporation

Back Button 910GL Datasheet HTML 46Page - Intel Corporation 910GL Datasheet HTML 47Page - Intel Corporation 910GL Datasheet HTML 48Page - Intel Corporation 910GL Datasheet HTML 49Page - Intel Corporation 910GL Datasheet HTML 50Page - Intel Corporation 910GL Datasheet HTML 51Page - Intel Corporation 910GL Datasheet HTML 52Page - Intel Corporation 910GL Datasheet HTML 53Page - Intel Corporation 910GL Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 426 page
background image
Signal Description
R
50
Datasheet
Interface
Signal Name
I/O
State During
RSTIN#
Assertion
State After RSTIN#
De-assertion
S3
Pull-up/
Pull-down
SWE_B#
O
TRI
TRI
TRI
SDQ_B[63:0]
I/O
TRI
TRI
TRI
System
Memory
(DDR)
SDM_B[7:0]
O
TRI
TRI
TRI
SDQS_B[7:0]
I/O
TRI
TRI
TRI
SDQS_B[7:0]#
I/O
TRI
TRI
TRI
SCKE_B[3:0]
O
LV
LV
LV
SRCOMP0
I/O
TRI
TRI (after RCOMP)
TRI
SRCOMP1
I/O
TRI
TRI (after RCOMP)
TRI
SM_SLEWIN[1:0]
I
IN
IN
IN
SM_SLEWOU[1:0]
O
TRI
TRI (after RCOMP)
TRI
SMVREF[1:0]
I
IN
IN
IN
SOCOMP[1:0]
I/O
TRI
TRI
TRI
DDR2: 40
Ω
resistor to
ground
Table 2-4. PCI Express* Graphics x16 Port Reset and S3 States
Interface
Signal Name
I/O
State During
RSTIN#
Assertion
State After RSTIN#
De-assertion
S3
Pull-up/
Pull-down
EXP_RXN[15:0]
I/O
CMCT
CMCT
CMCT
EXP_RXP[15:0]
I/O
CMCT
CMCT
CMCT
EXP_TXN[15:0]
O
CMCT 1.0 V
CMCT 1.0 V
CMCT 1.0 V
EXP_TXP[15:0]
O
CMCT 1.0 V
CMCT 1.0 V
CMCT 1.0 V
EXP_COMPO
I
TRI
TRI (after RCOMP)
TRI
PCI
Express*-
Graphics
EXP_COMPI
I
TRI
TRI (after RCOMP)
TRI
Table 2-5. DMI Reset and S3 States
Interface
Signal Name
I/O
State During
RSTIN#
Assertion
State After RSTIN#
De-assertion
S3
Pull-up/ Pull-
down
DMI_RXN[3:0]
I/O
CMCT
CMCT
CMCT
DMI_RXP[3:0]
I/O
CMCT
CMCT
CMCT
DMI_TXN[3:0]
O
CMCT 1.0 V
CMCT 1.0 V
CMCT 1.0 V
DMI
DMI_TXP[3:0]
O
CMCT 1.0 V
CMCT 1.0 V
CMCT 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com