Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 54 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 54 Page - Intel Corporation

Back Button 910GL Datasheet HTML 50Page - Intel Corporation 910GL Datasheet HTML 51Page - Intel Corporation 910GL Datasheet HTML 52Page - Intel Corporation 910GL Datasheet HTML 53Page - Intel Corporation 910GL Datasheet HTML 54Page - Intel Corporation 910GL Datasheet HTML 55Page - Intel Corporation 910GL Datasheet HTML 56Page - Intel Corporation 910GL Datasheet HTML 57Page - Intel Corporation 910GL Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 426 page
background image
Register Description
R
54
Datasheet
Item
Description
R/WSC
Read / Write Self Clear bit(s). These bits can be read and written. When the bit is ‘1’,
hardware may clear the bit to ‘0’ based upon internal events, possibly sooner than any
subsequent read could retrieve a ‘1’.
R/WSC/L
Read / Write Self Clear / Lockable bit(s). These bits can be read and written. When the
bit is ‘1’, hardware may clear the bit to ‘0’ based upon internal events, possibly sooner
than any subsequent read could retrieve a ‘1’. Additionally there is a bit (which may or
may not be a bit marked R/W/L) that, when set, prohibits this bit field from being
writeable (bit field becomes Read Only).
R/WC
Read Write Clear bit(s). These bits can be read and written. However, a write of ‘1’
clears (sets to ‘0’) the corresponding bit(s) and a write of ‘0’ has no effect.
R/WO
Write Once bit(s). Once written, bits with this attribute become Read Only. These bits
can only be cleared by a Reset.
W
Write Only. Whose bits may be written, but will always-return zeros when read. They are
used for write side effects. Any data written to these registers cannot be retrieved.
Reserved Bits
Some of the (G)MCH registers described in this section contain reserved bits. These
bits are labeled "Reserved”. Software must deal correctly with fields that are reserved.
On reads, software must use appropriate masks to extract the defined bits and not rely
on reserved bits being any particular value. On writes, software must ensure that the
values of reserved bit positions are preserved. That is, the values of reserved bit
positions must first be read, merged with the new values for other bit positions and then
written back. Note the software does not need to perform read, merge, and write
operation for the configuration address register.
Reserved
Registers
In addition to reserved bits within a register, the (G)MCH contains address locations in
the configuration space of the Host Bridge entity that are marked either "Reserved" or
“Intel Reserved”. The (G)MCH responds to accesses to “Reserved” address locations
by completing the host cycle. When a “Reserved” register location is read, a zero value
is returned. (“Reserved” registers can be 8-, 16-, or 32-bits in size). Writes to
“Reserved” registers have no effect on the (G)MCH. Registers that are marked as “Intel
Reserved” must not be modified by system software. Writes to “Intel Reserved”
registers may cause system failure. Reads from “Intel Reserved” registers may return a
non-zero value.
Default Value
Upon a Full Reset, the (G)MCH sets its entire set of internal configuration registers to
predetermined default states. Some register values at reset are determined by external
strapping options. The default state represents the minimum functionality feature set
required to successfully bringing up the system. Hence, it does not represent the
optimal system configuration. It is the responsibility of the system initialization software
(usually BIOS) to properly determine the DRAM configurations, operating parameters
and optional system features that are applicable, and to program the (G)MCH registers
accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com