Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 93 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 93 Page - Intel Corporation

Back Button 910GL Datasheet HTML 89Page - Intel Corporation 910GL Datasheet HTML 90Page - Intel Corporation 910GL Datasheet HTML 91Page - Intel Corporation 910GL Datasheet HTML 92Page - Intel Corporation 910GL Datasheet HTML 93Page - Intel Corporation 910GL Datasheet HTML 94Page - Intel Corporation 910GL Datasheet HTML 95Page - Intel Corporation 910GL Datasheet HTML 96Page - Intel Corporation 910GL Datasheet HTML 97Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
93
4.1.30
ERRCMD—Error Command (D0:F0)
PCI Device:
0
Address Offset:
CAh
Default Value:
0000h
Access:
R/W
Size:
16 bits
This register controls the (G)MCH responses to various system errors. Since the (G)MCH does
not have an SERR# signal, SERR messages are passed from the (G)MCH to the Intel ICH6 over
DMI. When a bit in this register is set, a SERR message will be generated on DMI when the
corresponding flag is set in the ERRSTS register. The actual generation of the SERR message is
globally enabled for Device 0 via the PCI Command register.
Bit
Access &
Default
Description
15:12
Reserved
11
R/W
0b
SERR on (G)MCH Thermal Sensor Event (TSESERR)
1 = The (G)MCH generates a DMI SERR special cycle when bit 11 of the
ERRSTS is set. The SERR must not be enabled at the same time as the SMI
for the same thermal sensor event.
0 = Reporting of this condition via SERR messaging is disabled.
10
Reserved
9
R/W
0b
SERR on LOCK to non-DRAM Memory (LCKERR)
1 = The (G)MCH will generate a DMI SERR special cycle whenever a processor
lock cycle is detected that does not hit DRAM.
0 = Reporting of this condition via SERR messaging is disabled.
8
R/W
0b
SERR on DRAM Refresh Timeout (DRTOERR)
1 = The (G)MCH generates a DMI SERR special cycle when a DRAM Refresh
timeout occurs.
0 = Reporting of this condition via SERR messaging is disabled.
7:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com