Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 55 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 55 Page - Intel Corporation

Back Button 910GL Datasheet HTML 51Page - Intel Corporation 910GL Datasheet HTML 52Page - Intel Corporation 910GL Datasheet HTML 53Page - Intel Corporation 910GL Datasheet HTML 54Page - Intel Corporation 910GL Datasheet HTML 55Page - Intel Corporation 910GL Datasheet HTML 56Page - Intel Corporation 910GL Datasheet HTML 57Page - Intel Corporation 910GL Datasheet HTML 58Page - Intel Corporation 910GL Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 426 page
background image
Register Description
R
Datasheet
55
3.2
Platform Configuration
In platforms that support DMI (e.g. this (G)MCH) the configuration structure is significantly
different from previous Hub architectures. The DMI physically connects the (G)MCH and the
Intel ICH6; so, from a configuration standpoint, the DMI is logically PCI bus 0. As a result, all
devices internal to the (G)MCH and the Intel ICH6 appear to be on PCI bus 0.
The ICH6 internal LAN controller does not appear on bus 0; it appears on the external PCI bus
(whose number is configurable).
The system’s primary PCI expansion bus is physically attached to the Intel ICH6 and, from a
configuration perspective, appears to be a hierarchical PCI bus behind a PCI-to-PCI bridge and
therefore has a programmable PCI Bus number. The PCI Express Graphics Attach appears to
system software to be a real PCI bus behind a PCI-to-PCI bridge that is a device resident on PCI
bus 0.
Note:
A physical PCI bus 0 does not exist and that DMI and the internal devices in the (G)MCH and
Intel ICH6 logically constitute PCI Bus 0 to configuration software. This is shown in Figure 3-1.
Figure 3-1. Conceptual Chipset PCI Configuration Diagram
Device 1 (82915G/82915P/
82915PL GMCH only
Internal Graphics Bus 0,
(82915G/82915GV/82915G
L82910GL Device
Intel ® 82915G/ 82915GV/ 82915GL/
82915P/82915PL/82919GL (G)MCH
Processor
PCI Configuration in I/O
DRAM Interface Bus 0,
Device 0
DMI
PCI_Config_Dia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com