Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 75 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 75 Page - Intel Corporation

Back Button 910GL Datasheet HTML 71Page - Intel Corporation 910GL Datasheet HTML 72Page - Intel Corporation 910GL Datasheet HTML 73Page - Intel Corporation 910GL Datasheet HTML 74Page - Intel Corporation 910GL Datasheet HTML 75Page - Intel Corporation 910GL Datasheet HTML 76Page - Intel Corporation 910GL Datasheet HTML 77Page - Intel Corporation 910GL Datasheet HTML 78Page - Intel Corporation 910GL Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
75
4.1.13
MCHBAR—(G)MCH Memory Mapped Register Range Base
Address (D0:F0)
PCI Device:
0
Address Offset:
44h
Default Value:
00000000h
Access:
R/W
Size:
32 bits
This is the base address for the (G)MCH memory-mapped configuration space. There is no
physical memory within this 16-KB window that can be addressed. The 16 KB reserved by this
register does not alias to any PCI 2.3 compliant memory mapped space.
On reset, this register is disabled and must be enabled by writing a 1 to MCHBAREN [Dev 0,
offset 54h, bit 28]
Bit
Access &
Default
Description
31:14
R/W
00000h
(G)MCH Memory Mapped Base Address: This field corresponds to bits 31:14 of
the base address (G)MCH memory-mapped configuration space.
BIOS will program this register resulting in a base address for a 16-KB block of
contiguous memory address space. This register ensures that a naturally aligned
16-KB space is allocated within total addressable memory space of 4 GB.
System software uses this base address to program the (G)MCH Memory-
mapped register set.
13:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com