Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 81 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 81 Page - Intel Corporation

Back Button 910GL Datasheet HTML 77Page - Intel Corporation 910GL Datasheet HTML 78Page - Intel Corporation 910GL Datasheet HTML 79Page - Intel Corporation 910GL Datasheet HTML 80Page - Intel Corporation 910GL Datasheet HTML 81Page - Intel Corporation 910GL Datasheet HTML 82Page - Intel Corporation 910GL Datasheet HTML 83Page - Intel Corporation 910GL Datasheet HTML 84Page - Intel Corporation 910GL Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
81
4.1.18
PAM0—Programmable Attribute Map 0 (D0:F0)
PCI Device:
0
Address Offset:
90h
Default Value:
00h
Access:
R/W
Size:
8 bits
This register controls the read, write, and shadowing attributes of the BIOS area from 0F0000h–
0FFFFFh
The (G)MCH allows programmable memory attributes on 13 Legacy memory segments of
various sizes in the 768-KB to 1-MB address range. Seven Programmable Attribute Map (PAM)
Registers are used to support these features. Cache ability of these areas is controlled via the
MTRR registers in the processor. Two bits are used to specify memory attributes for each
memory segment. These bits apply to both host accesses and PCI initiator accesses to the PAM
areas. These attributes are:
• RE (Read Enable). When RE = 1, the processor read accesses to the corresponding memory
segment are claimed by the (G)MCH and directed to main memory. Conversely, when
RE = 0, the host read accesses are directed to Primary PCI.
• WE (Write Enable). When WE = 1, the host write accesses to the corresponding memory
segment are claimed by the (G)MCH and directed to main memory. Conversely, when
WE = 0, the host write accesses are directed to Primary PCI.
The RE and WE attributes permit a memory segment to be Read Only, Write Only, Read/Write,
or disabled. For example, if a memory segment has RE = 1 and WE = 0, the segment is Read
Only.
Each PAM Register controls two regions, typically 16 KB in size.
Bit
Access &
Default
Description
7:6
Reserved
5:4
R/W
00b
0F0000-0FFFFF Attribute (HIENABLE): This field controls the steering of read and
write cycles that addresses the BIOS area from 0F0000h to 0FFFFFh.
00 = DRAM Disabled: All accesses are directed to the DMI.
01 = Read Only: All reads are sent to DRAM. All writes are forwarded to the DMI.
10 = Write Only: All writes are sent to DRAM. Reads are serviced by DMI.
11 = Normal DRAM Operation: All reads and writes are serviced by DRAM.
3:0
Reserved
Warning: The (G)MCH may hang if a PCI Express graphics attach or DMI originated access to Read
Disabled or Write Disabled PAM segments occurs (due to a possible IWB to non-DRAM). For
these reasons the following critical restriction is placed on the programming of the PAM regions:
At the time that a DMI or PCI Express graphics attach accesses to the PAM region may occur, the
targeted PAM segment must be programmed to be both readable and writeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com