Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 94 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 94 Page - Intel Corporation

Back Button 910GL Datasheet HTML 90Page - Intel Corporation 910GL Datasheet HTML 91Page - Intel Corporation 910GL Datasheet HTML 92Page - Intel Corporation 910GL Datasheet HTML 93Page - Intel Corporation 910GL Datasheet HTML 94Page - Intel Corporation 910GL Datasheet HTML 95Page - Intel Corporation 910GL Datasheet HTML 96Page - Intel Corporation 910GL Datasheet HTML 97Page - Intel Corporation 910GL Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
94
Datasheet
4.1.31
SKPD—Scratchpad Data (D0:F0)
PCI Device:
0
Address Offset:
DCh
Default Value:
00000000h
Access:
R/W
Size:
32 bits
This register holds 32 writable bits with no functionality behind them. It is for the convenience of
BIOS and graphics drivers.
Bit
Access &
Default
Description
31:0
R/W
00000000 h
Scratchpad Data: 1 DWord of data storage.
4.1.32
CAPID0—Capability Identifier (D0:F0)
PCI Device:
0
Address Offset:
E0h
Default Value:
000000000001090009h
Access:
RO
Size:
72 bits
Bit
Access &
Default
Description
71:28
Reserved
27:24
RO
1h
CAPID Version: This field has the value 0001b to identify the first revision of the
CAPID register definition.
23:16
RO
09h
CAPID Length: This field has the value 09h to indicate the structure length
(9 bytes).
15:8
RO
00h
Next Capability Pointer: This field is hardwired to 00h indicating the end of the
capabilities linked list.
7:0
RO
09h
CAP_ID: This field has the value 1001b to identify the CAP_ID assigned by the
PCI SIG for vendor dependent capability pointers.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com