Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 78 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 78 Page - Intel Corporation

Back Button 910GL Datasheet HTML 74Page - Intel Corporation 910GL Datasheet HTML 75Page - Intel Corporation 910GL Datasheet HTML 76Page - Intel Corporation 910GL Datasheet HTML 77Page - Intel Corporation 910GL Datasheet HTML 78Page - Intel Corporation 910GL Datasheet HTML 79Page - Intel Corporation 910GL Datasheet HTML 80Page - Intel Corporation 910GL Datasheet HTML 81Page - Intel Corporation 910GL Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
78
Datasheet
4.1.16
GGC—GMCH Graphics Control Register (D0:F0)
(82915G/82915GV/82915GL/82910GL GMCH only)
PCI Device:
0
Address Offset:
52h
Default Value:
0030h
Access:
R/W/L
Size:
16 bits
Bit
Access &
Default
Descriptions
15:7
Reserved
6:4
R/W/L
011b
Graphics Mode Select (GMS): This field is used to select the amount of main
memory that is pre-allocated to support the Internal Graphics device in VGA
(non-linear) and Native (linear) modes. The BIOS ensures that memory is pre-
allocated only when Internal graphics is enabled. Device 2 (IGD) does not claim
VGA cycles (memory and I/O), and the Sub-Class Code field within Device 2,
Function 0 Class Code register is 80h.
000 = No memory pre-allocated
001 = DVMT (UMA) mode, 1 MB of memory pre-allocated for frame buffer.
010 = Reserved.
011 = DVMT (UMA) mode, 8 MB of memory pre-allocated for frame buffer.
100–111 = Reserved.
NOTES:
1. This register is locked and becomes Read Only when the D_LCK bit in the
SMRAM register is set.
2. If IGD is disabled, this field should be set to 000.
3:2
Reserved
1
R/W
0b
IGD VGA Disable (IVD):
0 = Enable. Device 2 (IGD) claims VGA memory and I/O cycles, the Sub-Class
Code within Device 2 Class Code register is 00h.
1 = Disable. Device 2 (IGD) does not claim VGA cycles (Memory and I/O), and
the Sub-Class Code field within Device 2, Function 0 Class Code register is
80h.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com