Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 104 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 104 Page - Intel Corporation

Back Button 910GL Datasheet HTML 100Page - Intel Corporation 910GL Datasheet HTML 101Page - Intel Corporation 910GL Datasheet HTML 102Page - Intel Corporation 910GL Datasheet HTML 103Page - Intel Corporation 910GL Datasheet HTML 104Page - Intel Corporation 910GL Datasheet HTML 105Page - Intel Corporation 910GL Datasheet HTML 106Page - Intel Corporation 910GL Datasheet HTML 107Page - Intel Corporation 910GL Datasheet HTML 108Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 426 page
background image
MCHBAR Registers
R
104
Datasheet
5.1.10
C0DRC0—Channel A DRAM Controller Mode 0
MMIO Range:
MCHBAR
Address Offset:
120h
Default Value:
00000000h
Access:
R/W
Size:
32 bits
Bit
Access &
Default
Description
31:30
Reserved
29
R/W
0b
Initialization Complete (IC): This bit is used for communication of software state
between the memory controller and the BIOS. BIOS sets this bit to 1 after
initialization of the DRAM memory array is complete.
28:11
Reserved
10:8
R/W
000b
Refresh Mode Select (RMS): This field determines whether refresh is enabled
and, if so, at what rate refreshes will be executed.
000 = Refresh disabled
001 = Refresh enabled. Refresh interval 15.6 µsec
010 = Refresh enabled. Refresh interval 7.8 µsec
011 = Refresh enabled. Refresh interval 3.9 µsec
100 = Refresh enabled. Refresh interval 1.95 µsec
111 = Refresh enabled. Refresh interval 64 clocks (fast refresh mode)
Other = Reserved
7
RO
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com