Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 121 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 121 Page - Intel Corporation

Back Button 910GL Datasheet HTML 117Page - Intel Corporation 910GL Datasheet HTML 118Page - Intel Corporation 910GL Datasheet HTML 119Page - Intel Corporation 910GL Datasheet HTML 120Page - Intel Corporation 910GL Datasheet HTML 121Page - Intel Corporation 910GL Datasheet HTML 122Page - Intel Corporation 910GL Datasheet HTML 123Page - Intel Corporation 910GL Datasheet HTML 124Page - Intel Corporation 910GL Datasheet HTML 125Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
Datasheet
121
7.1.9
DMIVC1RCTL1—DMI VC1 Resource Control
MMIO Range:
DMIBAR
Address Offset:
020h
Default Value:
00100000h
Access:
R/W, RO
Size:
32 bits
This register controls the resources associated with Virtual Channel 1.
Bit
Access &
Default
Description
31
R/W
0b
Virtual Channel Enable (EN):
0 = Disable.
1 = Enable.
30:27
RO
0h
Reserved
26:24
R/W
001b
Virtual Channel Identifier (ID): This field indicates the ID to use for this virtual
channel.
23:20
Reserved
19:17
R/W
0h
Port Arbitration Select (PAS): This field indicates which port table is being
programmed. The only permissible value of this field is 4h for the time-based
WRR entries.
16:8
Reserved
7:1
R/W
00h
Transaction Class / Virtual Channel Map (TVM): This field indicates which
transaction classes are mapped to this virtual channel. When a bit is set, this
transaction class is mapped to the virtual channel.
0
Reserved
7.1.10
DMIVC1RSTS—DMI VC1 Resource Status
MMIO Range:
DMIBAR
Address Offset:
026h
Default Value:
0000h
Access:
RO
Size:
16 bits
This register reports the Virtual Channel specific status.
Bit
Access &
Default
Description
15:2
Reserved
1
RO
0b
VC Negotiation Pending (NP):
0 = Virtual channel is Not being negotiated with ingress ports.
1 = Virtual channel is still being negotiated with ingress ports.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com