Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 197 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 197 Page - Intel Corporation

Back Button 910GL Datasheet HTML 193Page - Intel Corporation 910GL Datasheet HTML 194Page - Intel Corporation 910GL Datasheet HTML 195Page - Intel Corporation 910GL Datasheet HTML 196Page - Intel Corporation 910GL Datasheet HTML 197Page - Intel Corporation 910GL Datasheet HTML 198Page - Intel Corporation 910GL Datasheet HTML 199Page - Intel Corporation 910GL Datasheet HTML 200Page - Intel Corporation 910GL Datasheet HTML 201Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 426 page
background image
Device 2 Function 1 (D2:F1) Configuration Registers
(Intel® 82915G/82915GV/82915GL/ 82910GL Only)
R
Datasheet
197
10.1.5
RID2—Revision Identification (D2:F1)
PCI Device:
2
Address Offset:
08h
Default Value:
See description below
Access:
RO
Size:
8 bits
This register is a copy of Device 2, Function 0. It has the same Read, Write attributes as D2:F0. It
is implemented as common hardware with two access addresses.
10.1.6
CC—Class Code Register (D2:F1)
PCI Device:
2
Address Offset:
09h
Default Value:
038000h
Access:
RO
Size:
24 bits
This register contains the device programming interface information related to the Sub-Class
Code and Base Class Code definition for the IGD. This register also contains the Base Class Code
and the function sub-class in relation to the Base Class Code.
Bit
Access &
Default
Description
23:16
RO
03h
Base Class Code (BCC): This is an 8-bit value that indicates the base class
code for the GMCH.
03h = Display Controller.
15:8
RO
80h
Sub-Class Code (SUBCC)
80h = Non VGA
7:0
RO
00h
Programming Interface (PI)
00h = Hardwired as a Display controller.
10.1.7
CLS—Cache Line Size (D2:F1)
PCI Device:
2
Address Offset:
0Ch
Default Value:
00h
Access:
RO
Size:
8 bits
This register is a copy of Device 2, Function 0. It has the same Read, Write attributes as D2:F0. It
is implemented as common hardware with two access addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com