Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 104 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 104 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 100Page - Intel Corporation IXP45X Datasheet HTML 101Page - Intel Corporation IXP45X Datasheet HTML 102Page - Intel Corporation IXP45X Datasheet HTML 103Page - Intel Corporation IXP45X Datasheet HTML 104Page - Intel Corporation IXP45X Datasheet HTML 105Page - Intel Corporation IXP45X Datasheet HTML 106Page - Intel Corporation IXP45X Datasheet HTML 107Page - Intel Corporation IXP45X Datasheet HTML 108Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
104
Document Number: 306261-004US
5.2
VCCPLL1, VCCPLL2, VCCPLL3, OSC_VCCP, OSC_VCC Pin
Requirements
To reduce voltage-supply noise on the analog sections of the IXP45X/IXP46X network
processors, the phase-lock loop circuits (VCCPLL1, VCCPLL2, VCCPLL3) and oscillator circuit
(OSC_VCC, OSC_VCCP) require isolated voltage supplies.
The filter circuits for each supply are shown in the following sections.
5.2.1
VCCPLL1 Requirement
A parallel combination of a 10-nF capacitor (for bypass) and a 200-nF capacitor (for a
first-order filter with a cut-off frequency below 30 MHz) must be connected to the
VCCPLL1 pin of the IXP45X/IXP46X network processors.
The ground of both capacitors should be connected to the nearest VSS supply pin. Both
capacitors should be located less than 0.5 inch away from the VCCPLL1 pin and the
associated VSS pin. In order to achieve the 200-nF capacitance, a parallel combination
of two 100-nF capacitors may be used as long as the capacitors are placed directly
beside each other.
5.2.2
VCCPLL2 Requirement
A parallel combination of a 10-nF capacitor (for bypass) and a 200-nF capacitor (for a
first-order filter with a cut-off frequency below 30 MHz) must be connected to the
VCCPLL2 pin of the IXP45X/IXP46X network processors.
The ground of both capacitors should be connected to the nearest VSS supply pin. Both
capacitors should be located less than 0.5 inch away from the VCCPLL2 pin and the
associated VSS pin. In order to achieve the 200-nF capacitance, a parallel combination
of two 100-nF capacitors may be used as long as the capacitors are placed directly
beside each other.
Figure 9.
VCCPLL1 Power Filtering Diagram
Vc c
In te l®
IX P4 5 X /IX P 4 6 X
Ne tw o r k
Pr o c e s s o r s
10 nF
V SS
V CC P L L 1
100 nF
100 nF
V SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com