Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 106 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 106 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 102Page - Intel Corporation IXP45X Datasheet HTML 103Page - Intel Corporation IXP45X Datasheet HTML 104Page - Intel Corporation IXP45X Datasheet HTML 105Page - Intel Corporation IXP45X Datasheet HTML 106Page - Intel Corporation IXP45X Datasheet HTML 107Page - Intel Corporation IXP45X Datasheet HTML 108Page - Intel Corporation IXP45X Datasheet HTML 109Page - Intel Corporation IXP45X Datasheet HTML 110Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
106
Document Number: 306261-004US
5.2.5
OSC_VCC Requirement
A parallel combination of a 10-nF capacitor (for bypass) and a 200-nF capacitor (for a
first-order filter with a cut-off frequency below 33 MHz) must be connected to both of
the OSC_VCC pins of the IXP45X/IXP46X network processors.
The grounds of both capacitors should be connected to the OSC_VSS supply pin. Both
capacitors should be located less than 0.5 inch away from the OSC_VCC pin and the
associated OSC_VSS pin.
In order to achieve a 200-nF capacitance, a parallel combination of two 100-nF
capacitors may be used as long as the capacitors are placed directly beside each other.
5.3
RCOMP Pin Requirements
Figure 14 shows the requirements for the RCOMP pin.
Figure 12.
OSC_VCCP Power Filtering Diagram
V ccp
170 nF
V SS
O S C_ V C CP
In t e l ®
I X P 45X / I X P 46X
Ne t w o r k
P r oc es s o r s
O S C _ VSS P
O S C _ VSS P
Figure 13.
OSC_VCC Power Filtering Diagram
Vc c
10 nF
V SS
100 nF
100 nF
OS C _ V C C
In te l®
IX P 4 5 X /IX P 4 6 X
Ne tw o rk
P roc es s o rs
O S C _ VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com