Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 107 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 107 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 103Page - Intel Corporation IXP45X Datasheet HTML 104Page - Intel Corporation IXP45X Datasheet HTML 105Page - Intel Corporation IXP45X Datasheet HTML 106Page - Intel Corporation IXP45X Datasheet HTML 107Page - Intel Corporation IXP45X Datasheet HTML 108Page - Intel Corporation IXP45X Datasheet HTML 109Page - Intel Corporation IXP45X Datasheet HTML 110Page - Intel Corporation IXP45X Datasheet HTML 111Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
107
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.4
DDRI_RCOMP Pin Requirements
Figure 15 shows the requirements for the DDRI_RCOMP pin.
5.5
DC Specifications
5.5.1
Operating Conditions
Figure 14.
RCOMP Pin External Resistor Requirements
B5030-01
VSS
RCOMP
VSS
34 Ω,
+ 1%
Intel®
IXP45X/IXP46X
Network
Processors
Figure 15.
DDRI_RCOMP Pin External Resistor Requirements
Table 30.
Operating Conditions (Sheet 1 of 2)
Symbol
Parameter
Min.
Typ.
Max.
Units
VCCP
Voltage supplied to the I/O, with the exception of the
DDRI SDRAM Interface.
3.135
3.3
3.465
V
VCC
Voltage supplied to the internal logic.
For 266, 400, and 533 MHz
For 667 MHz
1.235
1.425
1.3
1.5
1.365
1.575
V
V
VCCM
Voltage supplied to the DDRI SDRAM Interface.
2.300
2.5
2.700
V
B5031-01
VSS
DDR1_RCOMP
VSS
20 Ω,
+ 1%
Intel®
IXP45X/IXP46X
Network
Processors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com