Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 108 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 108 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 104Page - Intel Corporation IXP45X Datasheet HTML 105Page - Intel Corporation IXP45X Datasheet HTML 106Page - Intel Corporation IXP45X Datasheet HTML 107Page - Intel Corporation IXP45X Datasheet HTML 108Page - Intel Corporation IXP45X Datasheet HTML 109Page - Intel Corporation IXP45X Datasheet HTML 110Page - Intel Corporation IXP45X Datasheet HTML 111Page - Intel Corporation IXP45X Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
108
Document Number: 306261-004US
5.5.2
PCI DC Parameters
5.5.3
USB 1.1 DC Parameters
OSC_VCC
Voltage supplied to the internal oscillator logic.
For 266, 400, and 533 MHz
For 667 MHz
1.235
1.425
1.3
1.5
1.365
1.575
V
OSC_VCCP
Voltage supplied to the oscillator I/O.
3.135
3.3
3.465
V
VCCPLL1
Voltage supplied to the analog phase-lock loop.
For 266, 400, and 533 MHz
For 667 MHz
1.235
1.425
1.3
1.5
1.365
1.575
V
VCCPLL2
Voltage supplied to the analog phase-lock loop.
For 266, 400, and 533 MHz
For 667 MHz
1.235
1.425
1.3
1.5
1.365
1.575
V
VCCPLL3
Voltage supplied to the analog phase-lock loop.
For 266, 400, and 533 MHz
For 667 MHz
1.235
1.425
1.3
1.5
1.365
1.575
V
Table 31.
PCI DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
0.5 VCCP
V
3, 4
VIL
Input-low voltage
0.3 VCCP
V
3
VOH
Output-high voltage
IOUT = -500 µA
0.9 VCCP
V
3
VOL
Output-low voltage
IOUT = 1500 µA
0.1 VCCP
V
3
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
1, 3
CIN
Input-pin capacitance
5
pF
2, 3
COUT
I/O or output pin
capacitance
5pF
2,3
CIDSEL
IDSEL-pin capacitance
5
pF
2,3
LPIN
Pin inductance
20
nH
2,3
Notes:
1.
Input leakage currents include hi-Z output leakage for all bidirectional buffers with tri-state outputs.
2.
These values are typical values seen by the manufacturing process and are not tested.
3.
For additional information, see the PCI Local Bus Specification, Revision 2.2.
4.
Please consult the Intel® IXP4XX Product Line of Network Processors Specification Update for the VIH
specification.
Table 32.
USB 1.1 DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
1
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT =
-6.1 * VOHmA
2.8
V
VOL
Output-low voltage
IOUT =
6.1 * VOHmA
0.3
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
2
Notes:
1.
Please consult the product specification update for the VIH specification.
2.
These values are typical values seen by the manufacturing process and are not tested.
Table 30.
Operating Conditions (Sheet 2 of 2)
Symbol
Parameter
Min.
Typ.Max.Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com