Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 115 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 115 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 111Page - Intel Corporation IXP45X Datasheet HTML 112Page - Intel Corporation IXP45X Datasheet HTML 113Page - Intel Corporation IXP45X Datasheet HTML 114Page - Intel Corporation IXP45X Datasheet HTML 115Page - Intel Corporation IXP45X Datasheet HTML 116Page - Intel Corporation IXP45X Datasheet HTML 117Page - Intel Corporation IXP45X Datasheet HTML 118Page - Intel Corporation IXP45X Datasheet HTML 119Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
115
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.6.1.2
PCI Clock Timings
5.6.1.3
MII/SMII Clock Timings
Figure 16.
Typical Connection to an Oscillator
Table 49.
PCI Clock Timings
Symbol
Parameter
33 MHZ
66 MHZ
Units
Notes
Min.
Max.
Min.
Max.
TPERIODPCICLK
Clock period for PCI Clock
30
15
ns
TCLKHIGH
PCI Clock high time
11
6
ns
TCLKLOW
PCI Clock low time
11
6
ns
TSLEW RATE
Slew Rate requirements for
PCI Clock
14
1.5
4
V/ns
Table 50.
MII/SMII Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Tperiod100Mbit
Clock period for SMII_CLK reference
clock when operating in SMII or
Source Synchronous mode of
operation
88
ns
Tperiod100Mbit
Clock period for SMII_TXCLK and
SMII_RXCLK clock when operating
in Source Synchronous SMII mode
of operation
88
ns
Tperiod100Mbit
Clock period for Tx and Rx Ethernet
clocks
40
40
ns
Tperiod10Mbit
Clock period for Tx and Rx Ethernet
clocks
400
400
ns
Tduty
Duty cycle for Tx and Rx Ethernet
clocks
35
50
65
%
Frequency
Tolerance
Frequency tolerance requirement
for Tx and Rx Ethernet clocks
+/- 50
+/- 100
ppm
In te l® IX P 4 5 X / IX P 4 6 X
N e tw ork P roc es s o rs
O s c illator
OS C _ IN
OS C _ OU T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com