Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 118 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 118 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 114Page - Intel Corporation IXP45X Datasheet HTML 115Page - Intel Corporation IXP45X Datasheet HTML 116Page - Intel Corporation IXP45X Datasheet HTML 117Page - Intel Corporation IXP45X Datasheet HTML 118Page - Intel Corporation IXP45X Datasheet HTML 119Page - Intel Corporation IXP45X Datasheet HTML 120Page - Intel Corporation IXP45X Datasheet HTML 121Page - Intel Corporation IXP45X Datasheet HTML 122Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
118
Document Number: 306261-004US
5.6.2.2
USB 1.1 Interface
For timing parameters, see the USB 1.1 specification. The USB 1.1 interface for the
IXP45X/IXP46X network processors supports both a device or function controller only
and a host only controller. The IXP45X/IXP46X network processors USB 1.1 device
interface cannot be line-powered.
To assure proper operation with the IXP45X/IXP46X network processors USB
interfaces, please consult the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Hardware Design Guidelines
and the Intel® IXP4XX Product Line of Network Processors
Specification Update.
5.6.2.3
UTOPIA Level 2 (33 MHz)
Figure 19.
UTOPIA Level 2 Input Timings
Table 54.
UTOPIA Level 2 Input Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tsetup
Input setup prior to rising edge of clock. Inputs
included in this timing are UTP_IP_DATA[7:0],
UTP_IP_SOC, AND UTP_IP_FCI, and
UTP_OP_FCI.
8ns
Thold
Input hold time after the rising edge of the
clock. Inputs included in this timing are
UTP_IP_DATA[7:0], UTP_IP_SOC, and
UTP_IP_FCI, and UTP_OP_FCI.
1ns
Figure 20.
UTOPIA Level 2 Output Timings
A9578-01
Thold
Tsetup
Clock
Signals
A9579-01
Tclk2out
Tholdout
Clock
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com