Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 117 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 117 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 113Page - Intel Corporation IXP45X Datasheet HTML 114Page - Intel Corporation IXP45X Datasheet HTML 115Page - Intel Corporation IXP45X Datasheet HTML 116Page - Intel Corporation IXP45X Datasheet HTML 117Page - Intel Corporation IXP45X Datasheet HTML 118Page - Intel Corporation IXP45X Datasheet HTML 119Page - Intel Corporation IXP45X Datasheet HTML 120Page - Intel Corporation IXP45X Datasheet HTML 121Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
117
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Figure 18.
PCI Input Timing
Table 53.
PCI Bus Signal Timings
Symbol
Parameter
33 MHz
66 MHz
Units
Notes
Min.
Max.
Min.
Max.
Tclk2outb
Clock to output for all bused
signals. This is the PCI_AD[31:0],
PCI_CBE_N [3:0], PCI_PAR,
PCI_FRAME_N, PCI_IRDY_N,
PCI_TRDY_N, PCI_STOP_N,
PCI_DEVSEL_N, PCI_PERR_N,
PCI_SERR_N
211
1
6
ns
1, 2, 5,
7, 8
Tclk2out
Clock to output for all point-to-
point signals. This is the
PCI_GNT_N and PCI_REQ_N(0)
only.
212
1
6
ns
1, 2, 5,
7, 8
Tsetupb
Input setup time for all bused
signals. This is the PCI_AD[31:0],
PCI_CBE_N [3:0], PCI_PAR,
PCI_FRAME_N, PCI_IRDY_N,
PCI_TRDY_N, PCI_STOP_N,
PCI_DEVSEL_N, PCI_PERR_N,
PCI_SERR_N
73
ns
4, 6, 7,
8
Tsetup
Input setup time for all point-to-
point signals. This is the
PCI_REQ_N and PCI_GNT_N(0)
only.
10, 12
5
ns
3, 4, 7,
8
Thold
Input hold time from clock.
0
0
ns
4, 7, 8
Trst-off
Reset active-to-output float delay
40
40
ns
5, 6, 7,
8
Notes:
1.
See the timing measurement conditions.
2.
Parts compliant to the 3.3 V signaling environment.
3.
REQ# and GNT# are point-to-point signals and have different output valid delay and input setup
times than do bused signals. GNT# has a setup of 10 ns for 33 MHz and 5 ns for 66 MHz; REQ# has
a setup of 12 ns for 33 MHz and 5 ns for 66 MHz.
4.
RST# is asserted and de-asserted asynchronously with respect to CLK.
5.
All PCI outputs must be asynchronously driven to a tri-state value when RST# is active.
6.
Setup time applies only when the device is not driving the pin. Devices cannot drive and receive
signals at the same time.
7.
Timing was tested with a 70-pF capacitor to ground.
8.
For additional information, see the PCI Local Bus Specification, Revision 2.2.
A9573-01
CLK
Input
Inputs
Valid
Thold
Tsetup(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com