Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 116 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 116 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 112Page - Intel Corporation IXP45X Datasheet HTML 113Page - Intel Corporation IXP45X Datasheet HTML 114Page - Intel Corporation IXP45X Datasheet HTML 115Page - Intel Corporation IXP45X Datasheet HTML 116Page - Intel Corporation IXP45X Datasheet HTML 117Page - Intel Corporation IXP45X Datasheet HTML 118Page - Intel Corporation IXP45X Datasheet HTML 119Page - Intel Corporation IXP45X Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
116
Document Number: 306261-004US
5.6.1.4
UTOPIA Level 2 Clock Timings
5.6.1.5
Expansion Bus Clock Timings
5.6.2
Bus Signal Timings
The AC timing waveforms are shown in the following sections.
5.6.2.1
PCI
Table 51.
UTOPIA Level 2 Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Tperiod
Clock period for Tx and Rx UTOPIA Level 2
clocks
30.303
ns
Tduty
Duty cycle for Tx and Rx UTOPIA Level 2
clocks
40
50
60
%
Trise/fall
Rise and fall time requirements for Tx and
Rx UTOPIA Level 2 clocks
2ns
Table 52.
Expansion Bus Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Tperiod
Clock period for expansion bus clock
12.5
ns
Tduty
Duty cycle for expansion bus clock
40
50
60
%
Trise/fall
Rise and fall time requirements for
expansion bus clock
2ns
Figure 17.
PCI Output Timing
Note:
VHI = 0.6 VCC and VLOW = 0.2 VCC.
A9572-01
CLK
Output
Delay
Tclk2out(b)
Vlow
Vhi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com