Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 124 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 124 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 120Page - Intel Corporation IXP45X Datasheet HTML 121Page - Intel Corporation IXP45X Datasheet HTML 122Page - Intel Corporation IXP45X Datasheet HTML 123Page - Intel Corporation IXP45X Datasheet HTML 124Page - Intel Corporation IXP45X Datasheet HTML 125Page - Intel Corporation IXP45X Datasheet HTML 126Page - Intel Corporation IXP45X Datasheet HTML 127Page - Intel Corporation IXP45X Datasheet HTML 128Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
124
Document Number: 306261-004US
T4
ADDR/CTRL output hold time after the rising
edge of the DDRI_M_CLK. Address and control
signals consist of DDRI_RAS_N, DDRI_CAS_N,
DDRI_CS_N, DDRI_WE_N, DDRI_BA, DDRI_MA,
and DDRI_CKE.
2.3
ns
1
T5
Output valid for DDRI_DQ, DDRI_CB, and
DDRI_DM prior to each edge of DDRI_DQS.
1.0
ns
T6
DDRI_DQ, DDRI_CB, and DDRI_DM output hold
time after each edge of the DDRI_DQS.
1.0
ns
Figure 30.
DDRI SDRAM Read Timings (2.0 CAS Latency)
Figure 31.
DDRI SDRAM Read Timings (2.5 CAS Latency)
Table 63.
DDRI SDRAM Write Timings Values (Sheet 2 of 2)
Symbol
Parameter
Min.
Max.
Units
Notes
Notes:
1.
DDRI_M_CLK is representative of all DDRI_CK and DDRI_CK_N signals. The rising edge of
DDRI_M_CLK represents the crossover point of the respective DDRI_CK and DDRI_CK_N signals.
The skew between the separate DDR clocks have been compensated in the timings which have been
described. The period to period clock jitter on each DDRI_M_CLK pair is spec’ed at +/-100ps.
DDRI_M_CLK
DDRI_DQS
T
1
DDRI_RCVENOUT_N
DDRI_RCVENIN_N
DDRI_DQ, _CB, _DM
RD CMD
D0
D1
D2
D3
D4
D5
D6
D7
T
3
T
2
T
4
T
5
T
6
DDRI_M_CLK
DDRI_DQS
T
1
DDRI_RCVENOUT_N
DDRI_RCVENIN_N
DDRI_DQ, _CB, _DM
RDCMD
D0
D1
D2
D3
D4
D5
D6
D7
T
3
T
2
T
4
T
5
T
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com