Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 125 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 125 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 121Page - Intel Corporation IXP45X Datasheet HTML 122Page - Intel Corporation IXP45X Datasheet HTML 123Page - Intel Corporation IXP45X Datasheet HTML 124Page - Intel Corporation IXP45X Datasheet HTML 125Page - Intel Corporation IXP45X Datasheet HTML 126Page - Intel Corporation IXP45X Datasheet HTML 127Page - Intel Corporation IXP45X Datasheet HTML 128Page - Intel Corporation IXP45X Datasheet HTML 129Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
125
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.6.2.7
Expansion Bus
5.6.2.7.1
Expansion Bus Synchronous Operation
Table 64.
DDRI SDRAM Read Timing Values
Symbol
Parameter
Min.
Max.
Units
Notes
T1
DDRI_RCVENOUT_N minimum output valid time
after DDRI_M_CLK
0.9
ns
1
T2
DDRI_RCVENOUT_N maximum output valid
time after DDRI_M_CLK
2.7
ns
1
T3
DDRI_RCVENIN_N input valid time before
DDRI_DQS
3.6
ns
T4
DDRI_RCVENIN_N hold time from DDRI_DQS
valid
-0.1
ns
T5
Maximum delay for Data valid after any edge of
DDRI_DQS. Both of these signal are inputs from
the memory during read operations.
0.75
ns
T6
Maximum guaranteed time before data begins
to transition to the next valid data prior to any
DDRI_DQS clock edge. Both of these signal are
inputs from the memory during read operations.
This time in conjunction with timing parameter
T5 specify the window for which the DDRI data
signals can operate with the memory controller
on the IXP45X/IXP46X network processors.
1.0
ns
Notes:
1.
It is recommended that IBIS models be used to verify signal integrity on individual designs
Figure 32.
Expansion Bus Synchronous Timing
EX_CLK
T
4
T
3
T
2
T
1
EX_DATA, _BE_N, PARITY -
output_signals
EX_ control signals -
output_signals
T
6
T
5
EX_DATA, _BE_N, PARITY -
input_signals
EX_ control signals -
input_signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com