Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 128 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 128 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 124Page - Intel Corporation IXP45X Datasheet HTML 125Page - Intel Corporation IXP45X Datasheet HTML 126Page - Intel Corporation IXP45X Datasheet HTML 127Page - Intel Corporation IXP45X Datasheet HTML 128Page - Intel Corporation IXP45X Datasheet HTML 129Page - Intel Corporation IXP45X Datasheet HTML 130Page - Intel Corporation IXP45X Datasheet HTML 131Page - Intel Corporation IXP45X Datasheet HTML 132Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
128
Document Number: 306261-004US
Table 67.
Intel Simplex Mode Values
Symbol
Parameter
Min.
Max.
Units
Notes
Taddr2valcs
Valid address to valid chip select
1
4
Cycles
1, 2, 7
Tdval2valwrt
Write data valid prior to EXPB_IO_WRITE_N falling edge
1
4
Cycles
3, 7
Twrpulse
Pulse width of the EXP_IO_WRITE_N
1
16
Cycles
4, 7
Tdholdafterwr
Valid data after the rising edge of EXPB_IO_WRITE_N
1
4
Cycles
5, 7
Trdsetup
Data valid required before the rising edge of
EXP_IO_READ_N
14.7
ns
Trdhold
Data hold required after the rising edge of
EXP_IO_READ_N
2ns
Trecov
Time required between successive accesses on the
expansion interface.
116
Cycles
6
Notes:
1.
EX_ALE is not valid in simplex mode of operation.
2.
Setting the address phase parameter (T1) will adjust the duration that the address appears to the
external device.
3.
Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a
data strobe (read or write) to an external device.
4.
Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears
(read or write) to an external device. Data will be available during this time as well.
5.
Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects,
address, and data (during a write) will be held.
6.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the expansion interface.
7.
T is the period of the clock measured in ns.
8.
Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9.
Timing was designed for a system load between 5pF and 60pF for high drive setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com