Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 126 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 126 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 122Page - Intel Corporation IXP45X Datasheet HTML 123Page - Intel Corporation IXP45X Datasheet HTML 124Page - Intel Corporation IXP45X Datasheet HTML 125Page - Intel Corporation IXP45X Datasheet HTML 126Page - Intel Corporation IXP45X Datasheet HTML 127Page - Intel Corporation IXP45X Datasheet HTML 128Page - Intel Corporation IXP45X Datasheet HTML 129Page - Intel Corporation IXP45X Datasheet HTML 130Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
126
Document Number: 306261-004US
5.6.2.7.2
Expansion Bus Asynchronous Operation
Table 65.
Expansion Bus Synchronous Operation Timing Values
Symbol
Parameter
Low Drive
Med Drive
Hi Drive
Units Notes
Min.
Max.
Min.
Max.
Min.
Max.
T1
Valid rising edge of EX_CLK to valid signal on the
output.
10
8.5
6.5
ns
1, 2, 3,
4
T2
Valid signal hold time after the rising edge of EX_CLK
1
1
1
ns
1, 2, 3,
4
T3
Valid data signal on an input prior to the rising edge of
EX_CLK
22
2
ns
1, 2, 3,
4
T4
Required hold time of a data input after the rising edge
of EX_CLK
0.5
0.5
0.5
ns
1, 2, 3,
4
T5
Valid control/arbiter signal on an input prior to the
rising edge of EX_CLK
3.5
3.5
3.5
ns
1, 2, 3,
4
T6
Required hold time of a control/arbiter input after the
rising edge of EX_CLK
0.5
0.5
0.5
ns
1, 2, 3,
4
Notes:
1.
Timing was designed for a system load between 5pF and 60pF for low drive setting at typically no more than a 33MHz
clock
2.
Timing was designed for a system load between 5pF and 50pF for medium drive setting at typically no more than a
66MHz clock
3.
Timing was designed for a system load between 5pF and 40pF for high drive setting at typically no more than a 80MHz
clock
4.
Drive settings do not apply to EX_CS_N signals and are expected to be point to point. The timing on this signal was
designed for a system load between 5pF and 10pF
5.
EX_control_signals output signals consist of EX_ALE, EX_ADDR, EX_CS_N, EX_GNT_REQ_N, EX_GNT_N, EX_RD_N,
EX_WR_N, EX_WAIT_N
6.
EX_control_signals input signals consist of EX_ADDR, EX_CS_N, EX_SLAVE_CS_N, EX_REQ_GNT_N, EX_REQ_N,
EX_BURST, EX_RD_N, EX_WR_N
Figure 33.
Intel Multiplexed Mode
A9585-01
EX_CLK
EX_ADDR
EX_DATA
EX_RD_N
EX_DATA
EX_ALE
EX_WR_N
EX_CS_N
Valid Address
T5
1-16 Cycles
T4
1-4 Cycles
Trecov
Tale2addrhold
Trdsetup
Trdhold
Tdval2valwrt
Tdhold2afterwr
T3
1-16 Cycles
T2
1-4 Cycles
T1
2-5 Cycles
ALE Extended
Talepulse Tale2valcs
Twrpulse
Address
Output Data
Address
Input Data
Multiplexed Address/Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com