Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4990 Datasheet HTML 1Page - Infineon Technologies AG TLE4990 Datasheet HTML 2Page - Infineon Technologies AG TLE4990 Datasheet HTML 3Page - Infineon Technologies AG TLE4990 Datasheet HTML 4Page - Infineon Technologies AG TLE4990 Datasheet HTML 5Page - Infineon Technologies AG TLE4990 Datasheet HTML 6Page - Infineon Technologies AG TLE4990 Datasheet HTML 7Page - Infineon Technologies AG TLE4990 Datasheet HTML 8Page - Infineon Technologies AG TLE4990 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLE4990
Revision History:
2004-11
V 2.2
Previous Version:
V 2.0
2004-05
Page
Subjects (major changes since last revision)
6
Correction of typing error: Horizontal position of Hall cell (2.67mm)
21
Correction of typing errors: Width of package (5.34mm)
and width of tape (0.39mm)
Version 2.1: wrong tolerance of tape width
TLE4990
Revision History:
2005-01
V 2.3
Previous Version:
V 2.2
2004-11
Page
Subjects (major changes since last revision)
10
Table 2 Correction of typing error
VOUTov min = -0.3V instead of 0.3V
TLE4990
Revision History:
2005-11
V 2.4
Previous Version:
2.3
Page
Subjects (major changes since last revision)
Removal of Version TLE4990-E6785
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
feedback.sensors@infineon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com